Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC560P50L5 Datasheet(PDF) 110 Page - STMicroelectronics

Part # SPC560P50L5
Description  Fail safe protection
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC560P50L5 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button SPC560P50L5 Datasheet HTML 104Page - STMicroelectronics SPC560P50L5 Datasheet HTML 105Page - STMicroelectronics SPC560P50L5 Datasheet HTML 106Page - STMicroelectronics SPC560P50L5 Datasheet HTML 107Page - STMicroelectronics SPC560P50L5 Datasheet HTML 108Page - STMicroelectronics SPC560P50L5 Datasheet HTML 109Page - STMicroelectronics SPC560P50L5 Datasheet HTML 110Page - STMicroelectronics SPC560P50L5 Datasheet HTML 111Page - STMicroelectronics SPC560P50L5 Datasheet HTML 112Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 110 / 112 page
background image
Revision history
SPC560P44Lx, SPC560P50Lx
110/112
Doc ID 14723 Rev 9
07-Apr-2011
7
(cont’d)
SPC560P44Lx, SPC560P50Lx device configuration differences: Removed “temperature”
row (temperature information is provided in Order codes)
Updated SPC560P44Lx, SPC560P50Lx block diagram
Added SPC560P44Lx, SPC560P50Lx series block summary
Added
Section 1.5 Feature details
Section 2.1, Package pinouts: removed alternate functions from pinout diagrams
Supply pins: updated descriptions of power supply pins (1.2 V)
System pins: updated table
Pin muxing: added rows “B[4]” and “B[5]
Section 3.3, Absolute maximum ratings: added voltage specifications to titles of Figure 5
and
Figure 6; in Table 9, changed row “VSS_HV / Digital Ground” to “VSS / Device
Ground”; updated symbols
Section 3.4, Recommended operating conditions: added voltage specifications to titles of
Figure 7 and Figure 8
Recommended operating conditions (5.0 V), and Recommended operating conditions
(3.3 V): changed row “VSS_HV / Digital Ground” to “VSS / Device Ground”; updated
symbols
Updated
Section 3.5.1, Package thermal characteristics
Updated
Section 3.6, Electromagnetic interference (EMI) characteristics
Section 3.8.1, Voltage regulator electrical characteristics: amended titles of Table 16 and
Table 19
Voltage regulator electrical characteristics (configuration without resistor on base) and
Voltage regulator electrical characteristics (configuration with resistor on base):
updated symbol and values for VDD_LV_REGCOR
Low voltage monitor electrical characteristics: Updated VMLVDDOK_H max value—was
1.15 V; is 1.145 V
Section 3.10, DC electrical characteristics: reorganized contents
Updated
Section 3.10.1, NVUSRO register (includes adding
Section NVUSRO[OSCILLATOR_MARGIN] field description)
Supply current (5.0 V, NVUSRO[PAD3V5V] = 0): updated symbols
Corrected parameter descriptions in DC electrical characteristics (3.3 V,
NVUSRO[PAD3V5V] = 1):
–VOL_F—was “Fast, high level output voltage”; is “Fast, low level output voltage”
–VOL_SYM—was “Symmetric, high level output voltage”; is “Symmetric, low level output
voltage”
Supply current (3.3 V, NVUSRO[PAD3V5V] = 1): updated symbols
Main oscillator output electrical characteristics (5.0 V, NVUSRO[PAD3V5V] = 0): replaced
instances of EXTAL with XTAL
Main oscillator output electrical characteristics (3.3 V, NVUSRO[PAD3V5V] = 1): replaced
instances of EXTAL with XTAL
FMPLL electrical characteristics: replaced “PLLMRFM” with “FMPLL” in table title;
updated conditions; removed fsys row; updated fFMPLLOUT min value
ADC conversion characteristics: updated symbols; added row tADC_PU
Flash memory read access timing: added footnote to “Conditions” column
Section 3.16.1, Pad AC specifications: added Pad output delay diagram
In the range of figures “DSPI Classic SPI Timing — Master, CPHA = 0” to “DSPI PCS
Strobe (PCSS) Timing”: added note
Updated Order codes
Updated “Commercial product code structure” figure
Table 45: Added abbreviations “DUT”, “NPN”, and “RBW”
Table 46.
Revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com