Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K2 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST72344K2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K2 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST72344K2 Datasheet HTML 100Page - STMicroelectronics ST72344K2 Datasheet HTML 101Page - STMicroelectronics ST72344K2 Datasheet HTML 102Page - STMicroelectronics ST72344K2 Datasheet HTML 103Page - STMicroelectronics ST72344K2 Datasheet HTML 104Page - STMicroelectronics ST72344K2 Datasheet HTML 105Page - STMicroelectronics ST72344K2 Datasheet HTML 106Page - STMicroelectronics ST72344K2 Datasheet HTML 107Page - STMicroelectronics ST72344K2 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 247 page
background image
On-chip peripherals
ST72344xx, ST2345xx
104/247
Doc ID 12321 Rev 6
The OC1R register value required for a specific timing application can be calculated using
the following formula:
Where:
●
t = Pulse period (in seconds)
●
fCPU = CPU clock frequency (in Hertz)
●
PRESC
= Timer prescaler factor (2, 4 or 8 depending on the CC[1:0] bits, see Table 50:
Clock control bits)
If the timer clock is an external clock the formula is:
Where:
●
t = Pulse period (in seconds)
●
fEXT = External timer clock frequency (in Hertz)
When the value of the counter is equal to the value of the contents of the OC1R register, the
OLVL1 bit is output on the OCMP1 pin (See Figure 53).
Note:
1
The OCF1 bit cannot be set by hardware in One-pulse mode but the OCF2 bit can generate
an Output Compare interrupt.
2
When the Pulse Width Modulation (PWM) and One-pulse mode (OPM) bits are both set, the
PWM mode is the only active one.
3
If OLVL1=OLVL2 a continuous signal will be seen on the OCMP1 pin.
4
The ICAP1 pin can not be used to perform input capture. The ICAP2 pin can be used to
perform input capture (ICF2 can be set and IC2R can be loaded) but the user must take
care that the counter is reset each time a valid edge occurs on the ICAP1 pin and ICF1 can
also generates interrupt if ICIE is set.
5
When One-pulse mode is used, OC1R is dedicated to this mode. Nevertheless, OC2R and
OCF2 can be used to indicate that a period of time has been elapsed but cannot generate
an output waveform, because the OLVL2 level is dedicated to the One-pulse mode.
Figure 53.
One-pulse mode timing example
1.
IEDG1=1, OC1R=2ED0h, OLVL1=0, OLVL2=1.
OCiR Value =
t * fCPU
PRESC
- 5
OCiR =
t * fEXT -5
COUNTER
FFFC FFFD FFFE
2ED0
2ED1 2ED2
2ED3
FFFC FFFD
OLVL2
OLVL2
OLVL1
ICAP1
OCMP1
compare1
01F8
01F8
2ED3
IC1R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com