Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344K2 Datasheet(PDF) 208 Page - STMicroelectronics

Part # ST72344K2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344K2 Datasheet(HTML) 208 Page - STMicroelectronics

Back Button ST72344K2 Datasheet HTML 204Page - STMicroelectronics ST72344K2 Datasheet HTML 205Page - STMicroelectronics ST72344K2 Datasheet HTML 206Page - STMicroelectronics ST72344K2 Datasheet HTML 207Page - STMicroelectronics ST72344K2 Datasheet HTML 208Page - STMicroelectronics ST72344K2 Datasheet HTML 209Page - STMicroelectronics ST72344K2 Datasheet HTML 210Page - STMicroelectronics ST72344K2 Datasheet HTML 211Page - STMicroelectronics ST72344K2 Datasheet HTML 212Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 247 page
background image
Electrical characteristics
ST72344xx, ST2345xx
208/247
Doc ID 12321 Rev 6
Figure 95.
Typical IDD vs. temp. at VDD = 5 V and fCPU = 8 MHz
Table 94.
On-chip peripherals
Symbol
Parameter
Conditions
Typ
Unit
IDD(16-bit timer)
16-bit Timer supply current (1)
1.
Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer
running in PWM mode at fcpu=8 MHz.
fCPU = 4 MHz VDD = 3.0 V
20
μA
fCPU = 8 MHz VDD = 5.0 V
100
IDD(SPI)
SPI supply current (2)
2.
Data based on a differential IDD measurement between reset configuration and a permanent SPI master
communication (data sent equal to 55h).
fCPU = 4 MHz VDD = 3.0 V
250
fCPU = 8 MHz VDD = 5.0 V
800
IDD(ADC)
ADC supply current when
converting (3)
3.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions.
fADC = 2 MHz VDD = 3.0 V
300
fADC = 4 MHz VDD = 5.0 V
1000
IDD(I2C)
I2C supply current (4)
4.
Data based on a differential IDD measurement between reset configuration (I2C disabled) and a
permanent I2C master communication at 100 kHz (data sent equal to 55h). This measurement include the
pad toggling consumption
(4.7 k
Ω external pull-up on clock and data lines).
fCPU = 4 MHz VDD = 3.0 V
100
fCPU = 8 MHz VDD = 5.0 V
500
IDD(SCI)
SCI supply current (5)
5.
Data based on a differential IDD measurement between SCI low power state (SCID=1) and a permanent
SCI data transmit sequence.
fCPU = 4 MHz VDD = 3.0 V
250
fCPU = 8 MHz VDD = 5.0 V
800
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-45
25
90
110
Temperature (°C)
RUN
WAIT
SLOW
SLOW-WAIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com