Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 101Page - STMicroelectronics ST72344S2 Datasheet HTML 102Page - STMicroelectronics ST72344S2 Datasheet HTML 103Page - STMicroelectronics ST72344S2 Datasheet HTML 104Page - STMicroelectronics ST72344S2 Datasheet HTML 105Page - STMicroelectronics ST72344S2 Datasheet HTML 106Page - STMicroelectronics ST72344S2 Datasheet HTML 107Page - STMicroelectronics ST72344S2 Datasheet HTML 108Page - STMicroelectronics ST72344S2 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 247 page
background image
ST72344xx, ST2345xx
On-chip peripherals
Doc ID 12321 Rev 6
105/247
Figure 54.
Pulse width modulation mode timing example
1.
OC1R = 2ED0h, OC2R = 34E2, OLVL1 = 0, OLVL2 = 1
Pulse-width modulation mode
Pulse-width modulation (PWM) mode enables the generation of a signal with a frequency
and pulse length determined by the value of the OC1R and OC2R registers.
Pulse-width modulation mode uses the complete Output Compare 1 function plus the OC2R
register, and so this functionality can not be used when PWM mode is activated.
In PWM mode, double buffering is implemented on the output compare registers. Any new
values written in the OC1R and OC2R registers are loaded in their respective shadow
registers (double buffer) only at the end of the PWM period (OC2) to avoid spikes on the
PWM output pin (OCMP1). The shadow registers contain the reference values for
comparison in PWM “double buffering” mode.
Note:
There is a locking mechanism for transferring the OCiR value to the buffer. After a write to
the OCiHR register, the transfer of the new compare value to the buffer is inhibited until
OCiLR is also written.
Unlike in Output Compare mode, the compare function is always enabled in PWM mode.
Procedure:
To use pulse-width modulation mode:
1.
Load the OC2R register with the value corresponding to the period of the signal using
the formula in the opposite column.
2.
Load the OC1R register with the value corresponding to the period of the pulse if
(OLVL1=0 and OLVL2=1) using the formula in the opposite column.
3.
Select the following in the CR1 register:
–
Using the OLVL1 bit, select the level to be applied to the OCMP1 pin after a
successful comparison with OC1R register.
–
Using the OLVL2 bit, select the level to be applied to the OCMP1 pin after a
successful comparison with OC2R register.
4.
Select the following in the CR2 register:
–
Set OC1E bit: the OCMP1 pin is then dedicated to the output compare 1 function.
–
Set the PWM bit.
–
Select the timer clock (CC[1:0]) (see Table 50: Clock control bits).
COUNTER 34E2
34E2
FFFC
OLVL2
OLVL2
OLVL1
OCMP1
compare2
compare1
compare2
FFFC FFFD FFFE
2ED0
2ED1 2ED2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com