Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 202 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 202 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 198Page - STMicroelectronics ST72344S2 Datasheet HTML 199Page - STMicroelectronics ST72344S2 Datasheet HTML 200Page - STMicroelectronics ST72344S2 Datasheet HTML 201Page - STMicroelectronics ST72344S2 Datasheet HTML 202Page - STMicroelectronics ST72344S2 Datasheet HTML 203Page - STMicroelectronics ST72344S2 Datasheet HTML 204Page - STMicroelectronics ST72344S2 Datasheet HTML 205Page - STMicroelectronics ST72344S2 Datasheet HTML 206Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 247 page
background image
Electrical characteristics
ST72344xx, ST2345xx
202/247
Doc ID 12321 Rev 6
13.3
Operating conditions
Note:
When the power supply is between 2.7 and 2.95 V (VIT+(LVD) max), the device is either in the
guaranteed functional area or in reset state, thus allowing a deterministic application
behavior. However, the LVD may generate a reset below 2.95 V and the user should
therefore not use the device below this level when the LVD is enabled.
Figure 87.
fCPU maximum operating frequency versus VDD supply voltage
Table 87.
General operating conditions (1)
1.
TA = -40 to +85 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fCPU = 8 MHz. max.
3.3
5.5
V
fCPU = 4 MHz. max.
2.7
5.5
fOSC
External clock frequency
3.3 V
≤V
DD≤ 5.5 V
Up to 16
MHz
2.7 V
≤ V
DD < 3.3 V
Up to 8
Table 88.
LVD thresholds
Symbol
Parameter
Conditions (1)
1.
TA = -40 to +85 °C unless otherwise specified.
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High threshold
Med. threshold
Low threshold
3.85
3.24
2.60
4.20
3.56
2.88
4.61
3.90
3.14
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High threshold
Med. threshold
Low threshold
3.66
3.04
2.45
3.98
3.36
2.71
4.36
3.66
2.95
Vhys(LVD)
LVD voltage threshold
hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
20 (2)
2.
Not tested in production, guaranteed by design
100 (2)
ms/V
tg(VDD)
VDD glitches filtered by LVD
150
ns
fCPU [MHz]
SUPPLY VOLTAGE [V]
8
4
2
0
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
3.6
FUNCTIONALITY
GUARANTEED
IN THIS AREA
3.3
2.7
CAUTION: RESET MAY
BE ACTIVATED BY LVD
IN THIS AREA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com