Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 216 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 216 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 212Page - STMicroelectronics ST72344S2 Datasheet HTML 213Page - STMicroelectronics ST72344S2 Datasheet HTML 214Page - STMicroelectronics ST72344S2 Datasheet HTML 215Page - STMicroelectronics ST72344S2 Datasheet HTML 216Page - STMicroelectronics ST72344S2 Datasheet HTML 217Page - STMicroelectronics ST72344S2 Datasheet HTML 218Page - STMicroelectronics ST72344S2 Datasheet HTML 219Page - STMicroelectronics ST72344S2 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 247 page
background image
Electrical characteristics
ST72344xx, ST2345xx
216/247
Doc ID 12321 Rev 6
Figure 98.
Two typical applications with unused I/O pin
1.
I/O can be left unconnected if it is configured as output (0 or 1) by the software. This has the advantage of
greater EMC robustness and lower cost.
Caution:
During normal operation the ICCCLK pin must be pulled-up, internally or externally (external
pull-up of 10k mandatory in noisy environment). This is to avoid entering ICC mode
unexpectedly during a reset.
10k
Ω
UNUSED I/O PORT
ST7XXX
10k
Ω
UNUSED I/O PORT
ST7XXX
VDD
Table 108.
Output driving current (1)
1.
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
(2)
2.
The IIO current sunk must always respect the absolute maximum rating specified in Table 85: Current
characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVSS.
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 101)
IIO = +5 mA
1.0
V
IIO = +2 mA
0.4
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
(see Figure 104)
IIO = +20 mA
1.3
IIO = +8 mA
0.75
VOH
(3)
3.
The IIO current sourced must always respect the absolute maximum rating specified in Table 85: Current
characteristics and the sum of IIO (I/O ports and control pins) must not exceed IVDD.
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 113)
IIO = -5 mA
VDD-1.5
IIO = -2 mA
VDD-0.8
VOL
(2)(4)
4.
Not tested in production, based on characterization results.
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 100)
IIO = +2 mA
0.7
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
IIO = +8 mA
0.5
VOH
(3)(4)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(Figure 111)
IIO = -2 mA
VDD-0.8
VOL
(2)(4)
Output low level voltage for a standard I/O
pin when 8 pins are sunk at same time
(see Figure 102)
IIO = +2 mA
0.9
Output low level voltage for a high sink I/O
pin when 4 pins are sunk at same time
IIO = +8 mA
0.6
VOH
(3)(4)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 110)
IIO = -2 mA
VDD-0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com