Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 225 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 225 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 221Page - STMicroelectronics ST72344S2 Datasheet HTML 222Page - STMicroelectronics ST72344S2 Datasheet HTML 223Page - STMicroelectronics ST72344S2 Datasheet HTML 224Page - STMicroelectronics ST72344S2 Datasheet HTML 225Page - STMicroelectronics ST72344S2 Datasheet HTML 226Page - STMicroelectronics ST72344S2 Datasheet HTML 227Page - STMicroelectronics ST72344S2 Datasheet HTML 228Page - STMicroelectronics ST72344S2 Datasheet HTML 229Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 247 page
background image
ST72344xx, ST2345xx
Electrical characteristics
Doc ID 12321 Rev 6
225/247
13.12
10-bit ADC characteristics
TA = -40 °C to 85 °C, unless otherwise specified
Figure 117. ADC accuracy characteristics
Table 112.
ADC accuracy
Symbol
Parameter
Conditions (1)(2)
1.
Data based on characterization results over the whole temperature range.
2.
ADC accuracy vs. negative injection current: Injecting negative current on any of the analog input pins may
reduce the accuracy of the conversion being performed on another analog input.
The effect of negative injection current on robust pins is specified in Section 13.10
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 13.9 does not
affect the ADC accuracy.
Typ
Max (3)
3.
Data based on characterization results, monitored in production to guarantee 99.73% within ± max value
from -40 °C to +125 °C (± 3
σ distribution limits).
Unit
|ET|
Total unadjusted error
fCPU = 8 MHz,
fADC = 4 MHz
RAIN < 10κΩ,
VDD = 2.7 V to 5.5 V
48
LSB
|EO|
Offset error
-1
-2
|EG|
Gain Error
-2
-4
|ED|
Differential linearity error
3
6
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
–
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
234567
1021 1022 1023 1024
(1)
(2)
ET
ED
EL
(3)
VDD
VSS
ai15169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com