Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 236 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 232Page - STMicroelectronics ST72344S2 Datasheet HTML 233Page - STMicroelectronics ST72344S2 Datasheet HTML 234Page - STMicroelectronics ST72344S2 Datasheet HTML 235Page - STMicroelectronics ST72344S2 Datasheet HTML 236Page - STMicroelectronics ST72344S2 Datasheet HTML 237Page - STMicroelectronics ST72344S2 Datasheet HTML 238Page - STMicroelectronics ST72344S2 Datasheet HTML 239Page - STMicroelectronics ST72344S2 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 247 page
background image
Device configuration and ordering information
ST72344xx, ST2345xx
236/247
Doc ID 12321 Rev 6
15.2
Device ordering information
Figure 123. ST7234x ordering information scheme
For a list of available options (e.g. memory size, package) and orderable part numbers or for
further information on any aspect of this device, please contact the nearest ST sales office.
15.3
Development tools
Development tools for the ST7 microcontrollers include a complete range of hardware
systems and software tools from STMicroelectronics and third-party tool suppliers. The
range of tools includes solutions to help you evaluate microcontroller peripherals, develop
and debug your application, and program your microcontrollers.
15.3.1
Starter kits
ST offers complete, affordable starter kits. Starter kits are complete, affordable
hardware/software tool packages that include features and samples to help you quickly start
developing your application.
ST72
F
34x
K
2
T
6
TR
Product class
ST7 microcontroller
Memory size
2 = 8K
4 = 16K
Package
T = LQFP
Example:
Version
Flash
Temperature range
6 = -40 ˚C to 85 ˚C
Shipping
TR = Tape and Reel
No character = Tray
Sub-family
344, 345
No. of pins
K = 32 pins
S = 44 pins
C = 48 pins
ai15170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com