Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72344S2 Datasheet(PDF) 246 Page - STMicroelectronics

Part # ST72344S2
Description  SCI asynchronous serial interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72344S2 Datasheet(HTML) 246 Page - STMicroelectronics

Back Button ST72344S2 Datasheet HTML 239Page - STMicroelectronics ST72344S2 Datasheet HTML 240Page - STMicroelectronics ST72344S2 Datasheet HTML 241Page - STMicroelectronics ST72344S2 Datasheet HTML 242Page - STMicroelectronics ST72344S2 Datasheet HTML 243Page - STMicroelectronics ST72344S2 Datasheet HTML 244Page - STMicroelectronics ST72344S2 Datasheet HTML 245Page - STMicroelectronics ST72344S2 Datasheet HTML 246Page - STMicroelectronics ST72344S2 Datasheet HTML 247Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 246 / 247 page
background image
Revision history
ST72344xx, ST2345xx
246/247
Doc ID 12321 Rev 6
22-Sep-2008
3
Document reformatted
Title modified
Removed references to ST72340 devices and FASTROM devices
Modified device summary on first page
Added note 1 and note 3 to Table 3 on page 20 and removed note on
ICCDATA and ICCCLK
Added note 5 and “caution” to Section 4.4 on page 28
Added one caution to Section 7.2 on page 42
Modified note in Section 7.3.3 on page 45,
Added caution to Section 7.5 on page 46
Added one caution to Section 7.6.2 on page 49
Modified Figure 24 on page 60
Modified note 3 in Output compare on page 99
Added note to Section 11.8.1 on page 185
Modified table in Table 84 on page 200
Modified Section 13.4 on page 204: modified note 1 and added fRC
values for VDD = 3 V
Modified Table 94 on page 208
Modified Section 13.6.1 on page 210
Modified EMC characteristics on page 213 and removed references to
DLU in Absolute maximum ratings (electrical sensitivity) on page 214
Modified Section 13.10.1 on page 222
Added note 2 to Section 13.11.1 on page 224
Added Section 16.4 on page 242 Section 16.4 on page 242
Modified Section 14 on page 227 (values in inches rounded to 4 decimal
digits instead of 3 decimal digits)
Modified Section 15 on page 232, Device ordering information on
page 236
Removed option list.
11-Dec-2008
4
"Flash write/erase protection” and “In-application programming”
removed in Section 16: Known limitations on page 239 (limitations
corrected in the silicon revision now in production).
Updated Section 14.1: ECOPACK on page 227
15-Jun-2009
5
Modified title of Table 2 on page 16
Added Section 16.6: Random read operations not supported with the
standard I²C on page 243
28-Jun-2012
6
Note (2) added to Table 125: Development tool order codes.
Table 126.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com