Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72325AR9-Auto Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST72325AR9-Auto
Description  SCI asynchronous serial interface
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9-Auto Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST72325AR9-Auto Datasheet HTML 134Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 135Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 136Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 137Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 138Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 139Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 140Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 141Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 243 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Serial peripheral interface (SPI)
ST72325xxx-Auto
138/243
Doc ID 13770 Rev 3
Warning:
A write to the SPIDR register places data directly into the
shift register for transmission.
A read to the SPIDR register returns the value located in the buffer and not the content of
the shift register (see Figure 57).
Table 70.
SPI register map and reset values
Address
(Hex.)
Register
label
76543
210
0021h
SPIDR
Reset value
MSB
xxxx
xxx
LSB
x
0022h
SPICR
Reset value
SPIE
0
SPE
0
SPR2
0
MSTR
0
CPOL
x
CPHA
x
SPR1
x
SPR0
x
0023h
SPICSR
Reset value
SPIF
0
WCOL
0
OVR
0
MODF
00
SOD
0
SSM
0
SSI
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com