Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72325AR9-Auto Datasheet(PDF) 223 Page - STMicroelectronics

Part # ST72325AR9-Auto
Description  SCI asynchronous serial interface
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9-Auto Datasheet(HTML) 223 Page - STMicroelectronics

Back Button ST72325AR9-Auto Datasheet HTML 219Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 220Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 221Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 222Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 223Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 224Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 225Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 226Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 243 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST72325xxx-Auto
Package characteristics
Doc ID 13770 Rev 3
223/243
20
Package characteristics
20.1
Package mechanical data
Figure 100. 64-pin (14x14) low profile quad flat package outline
Table 139.
64-pin (14x14) low profile quad flat package mechanical data
Dimension
mm
inches(1)
1.
Values in inches are converted from mm and rounded to 3 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
b
0.30
0.37
0.45
0.012
0.015
0.018
c
0.09
0.20
0.004
0.008
D
16.00
0.630
D1
14.00
0.551
E
16.00
0.630
E1
14.00
0.551
e
0.80
0.031
0°
3.5°
7°
0°
3.5°
7°
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.039
c
h
L
L1
e
b
A
A1
A2
E
E1
D
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com