Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72325AR9-Auto Datasheet(PDF) 230 Page - STMicroelectronics

Part # ST72325AR9-Auto
Description  SCI asynchronous serial interface
PDF  243 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72325AR9-Auto Datasheet(HTML) 230 Page - STMicroelectronics

Back Button ST72325AR9-Auto Datasheet HTML 226Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 227Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 228Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 229Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 230Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 231Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 232Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 233Page - STMicroelectronics ST72325AR9-Auto Datasheet HTML 234Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 243 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Device configuration and ordering information
ST72325xxx-Auto
230/243
Doc ID 13770 Rev 3
Note:
On the chip, each I/O port has up to eight pads. Pads that are not bonded to external pins
are in input pull-up configuration after reset. The configuration of these pads must be kept at
reset state to avoid added current consumption.
OPT3:1 OSCRANGE[2:0]
Oscillator range
When the resonator oscillator type is selected, these option bits select
the resonator oscillator current source corresponding to the frequency
range of the resonator used. When the external clock source is
selected, these bits are set to medium power (2 ~ 4 MHz).
000: Typ. frequency range = 1 ~ 2 MHz
001: Typ. frequency range = 2 ~ 4 MHz
010: Typ. frequency range = 4 ~ 8 MHz
011: Typ. frequency range = 8 ~ 16 MHz
OPT0
PLLOFF
PLL activation
This option bit activates the PLL which allows multiplication by two of
the main input clock frequency. The PLL is guaranteed only with an
input frequency between 2 and 4 MHz. For this reason the PLL must
not be used with the internal RC oscillator.
0: PLL x2 enabled
1: PLL x2 disabled
Caution: The PLL can be enabled only if the OSCRANGE (OPT3:1) bits
are configured to 2 ~ 4 MHz. Otherwise, the device functionality is not
guaranteed.
Table 147.
Package selection (OPT7)
Version
Selected package
Flash size
PKG1
R/AR
LQFP64
32/48/60 Kbytes
1
JLQFP44
48/60 Kbytes
0
16/32 Kbytes
1
K
LQFP32
16/32 Kbytes
0
Table 146.
Option byte 1 bit description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com