Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561J4-Auto Datasheet(PDF) 220 Page - STMicroelectronics

Part # ST72561J4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561J4-Auto Datasheet(HTML) 220 Page - STMicroelectronics

Back Button ST72561J4-Auto Datasheet HTML 216Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 217Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 218Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 219Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 220Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 221Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 222Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 223Page - STMicroelectronics ST72561J4-Auto Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
220/324
Doc ID 12370 Rev 8
After the SLEEP bit has been cleared, Sleep mode is exited once beCAN has synchronized
with the CAN bus, refer to Figure 96. The sleep mode is exited once the SLAK bit has been
cleared by hardware.
Test mode
Test mode can be selected by the SILM and LBKM bits in the CDGR register. These bits
must be configured while beCAN is in Initialization mode. Once test mode has been
selected, beCAN is started in Normal mode.
Silent mode
The beCAN can be put in Silent mode by setting the SILM bit in the CDGR register.
In Silent mode, the beCAN is able to receive valid data frames and valid remote frames, but
it sends only recessive bits on the CAN bus and it cannot start a transmission. If the beCAN
has to send a dominant bit (ACK bit, overload flag, active error flag), the bit is rerouted
internally so that the CAN core monitors this dominant bit, although the CAN bus may
remain in recessive state. Silent mode can be used to analyze the traffic on a CAN bus
without affecting it by the transmission of dominant bits (acknowledge bits, error frames).
Figure 97.
beCAN in silent mode
Loop back mode
The beCAN can be set in loop back mode by setting the LBKM bit in the CDGR register. In
loop back mode, the beCAN treats its own transmitted messages as received messages
and stores them (if they pass acceptance filtering) in the FIFO.
Figure 98.
beCAN in loop back mode
This mode is provided for self-test functions. To be independent of external events, the CAN
core ignores acknowledge errors (no dominant bit sampled in the acknowledge slot of a data
beCAN
CANTX CANRX
Tx
Rx
=1
beCAN
CANTX CANRX
Tx
Rx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com