Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 149Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 150Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 151Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 152Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 153Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 154Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 155Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 156Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 279 page
background image
ST72361xx-Auto
Serial peripheral interface (SPI)
Doc ID 12468 Rev 3
153/279
Bit 4 = MSTR Master Mode
This bit is set and cleared by software. It is also cleared by hardware when, in master mode,
SS =0 (see Master mode fault (MODF)).
0: Slave mode
1: Master mode. The function of the SCK pin changes from an input to an output and
the functions of the MISO and MOSI pins are reversed.
Bit 3 = CPOL Clock Polarity
This bit is set and cleared by software. This bit determines the idle state of the serial Clock.
The CPOL bit affects both the master and slave modes.
0: SCK pin has a low level idle state
1: SCK pin has a high level idle state
Note:
If CPOL is changed at the communication byte boundaries, the SPI must be disabled by
resetting the SPE bit.
Bit 2 = CPHA Clock Phase
This bit is set and cleared by software.
0: The first clock transition is the first data capture edge.
1: The second clock transition is the first capture edge.
Note:
The slave must have the same CPOL and CPHA settings as the master.
Bits 1:0 = SPR[1:0] Serial Clock Frequency
These bits are set and cleared by software. Used with the SPR2 bit, they select the baud
rate of the SPI serial clock SCK output by the SPI in master mode.
Note:
These 2 bits have no effect in slave mode.
Table 58.
SPI master mode SCK frequency
14.8.2
Control/status register (SPICSR)
Read/ write (some bits Read Only)
Reset value: 0000 0000 (00h)
Bit 7 = SPIF Serial Peripheral Data Transfer Flag (Read only)
This bit is set by hardware when a transfer has been completed. An interrupt is generated if
Serial clock
SPR2
SPR1
SPR0
fCPU/4
1
0
0
fCPU/8
0
fCPU/16
1
fCPU/32
1
1
0
fCPU/64
0
fCPU/128
1
7
0
SPIF
WCOL
OVR
MODF
-
SOD
SSM
SSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com