Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 178 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 178 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 174Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 175Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 176Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 177Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 178Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 179Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 180Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 181Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 279 page
background image
LINSCI serial communication interface (LIN master/slave)
ST72361xx-Auto
178/279
Doc ID 12468 Rev 3
If the LHE flag is set, it means that:
D > 15.625%
If LHE flag is not set, it means that:
D < 16.40625%
If 15.625%
 D  16.40625%, then the flag can be either set or reset depending on the
dephasing between the signal on the RDI line and the CPU clock.
●
The second check is based on the measurement of each bit time between both edges
of the synch field: this checks that each of these bit times is large enough compared to
the bit time of the current baud rate.
When LHE is set due to this error then the SCI goes into a blocked state (LSF bit is set).
LIN header time-out error
When the LIN Identifier field detection method is used (by configuring LHDM to 1) or when
LIN auto-resynchronization is enabled (LASE bit = 1), the LINSCI automatically monitors the
THEADER_MAX condition given by the LIN protocol.
If the entire Header (up to and including the STOP bit of the LIN identifier field) is not
received within the maximum time limit of 57 bit times then a LIN header error is signalled
and the LHE bit is set in the SCISR register.
Figure 82.
LIN header reception timeout
The time-out counter is enabled at each break detection. It is stopped in the following
conditions:
●
A LIN identifier field has been received
●
An LHE error occurred (other than a timeout error).
●
A software reset of LSF bit (transition from high to low) occurred during the analysis of
the LIN synch field or
If LHE bit is set due to this error during the LIN synchr field (if LASE bit = 1) then the SCI
goes into a blocked state (LSF bit is set).
If LHE bit is set due to this error during fields other than LIN synch field or if LASE bit is reset
then the current received header is discarded and the SCI searches for a new break field.
Note on LIN header time-out limit
According to the LIN specification, the maximum length of a LIN header which does not
cause a timeout is equal to 1.4 * (34 + 1) = 49 TBIT_MASTER.
TBIT_MASTER refers to the master baud rate.
When checking this timeout, the slave node is desynchronized for the reception of the LIN
break and synch fields. Consequently, a margin must be allowed, taking into account the
LIN Synch
LIN Synch
Identifier
Field
Field
Break
THEADER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com