Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 201 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 201 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 197Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 198Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 199Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 200Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 201Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 202Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 203Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 204Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 205Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 279 page
background image
ST72361xx-Auto
LINSCI serial communication interface (LIN master only)
Doc ID 12468 Rev 3
201/279
RR = 1, 2, 4, 8, 16, 32, 64, 128
(see SCR[2:0] bits)
All these bits are in the SCIBRR register.
Example 1: If fCPU is 8 MHz (normal mode) and if PR = 13 and TR = RR = 1, the transmit
and receive baud rates are 38400 baud.
Note:
The baud rate registers MUST NOT be changed while the transmitter or the receiver is
enabled.
16.4.5
Extended baud rate generation
The extended prescaler option gives a very fine tuning on the baud rate, using a 255 value
prescaler, whereas the conventional baud rate generator retains industry standard software
compatibility.
The extended baud rate generator block diagram is described in the Figure 90.
The output clock rate sent to the transmitter or to the receiver is the output from the 16
divider divided by a factor ranging from 1 to 255 set in the SCIERPR or the SCIETPR
register.
Note:
The extended prescaler is activated by setting the SCIETPR or SCIERPR register to a value
other than zero. The baud rates are calculated as follows:
with:
ETPR = 1...255 (see SCIETPR register)
ERPR = 1...255 (see SCIERPR register)
16.4.6
Receiver muting and wake-up feature
In multiprocessor configurations it is often desirable that only the intended message
recipient should actively receive the full message contents, thus reducing redundant SCI
service overhead for all non addressed receivers.
The non addressed devices may be placed in sleep mode by means of the muting function.
Setting the RWU bit by software puts the SCI in sleep mode:
All the reception status bits cannot be set.
All the receive interrupts are inhibited.
A muted receiver may be awakened by one of the following two ways:
●
By idle line detection if the WAKE bit is reset,
●
By address mark detection if the WAKE bit is set.
Receiver wakes-up by idle line detection when the receive line has recognized an idle frame.
Then the RWU bit is reset by hardware but the IDLE bit is not set.
Tx =
16*ETPR*(PR*TR)
fCPU
Rx =
16*ERPR*(PR*RR)
fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com