Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 237 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 237 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 233Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 234Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 235Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 236Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 237Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 238Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 239Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 240Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 279 page
background image
ST72361xx-Auto
Electrical characteristics
Doc ID 12468 Rev 3
237/279
19.6
Auto wakeup from halt oscillator (AWU)
Figure 102. AWU oscillator freq. @ TA 25°C
19.7
Memory characteristics
19.7.1
RAM and hardware registers
19.7.2
Flash memory
Table 98.
AWU oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fAWU
AWU oscillator
frequency(1)
1.
Data based on characterization results, not tested in production.
50
100
250
kHz
tRCSRT
AWU oscillator startup
time
10
µs
4.4
5
5.6
Vdd
50
100
150
200
Ta=25C
Table 99.
RAM supply voltage
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VRM
Data retention mode(1)
1.
Minimum VDD supply voltage without losing data stored in RAM (in HALT mode or under RESET) or in
hardware registers (only in HALT mode). Not tested in production.
HALT mode (or RESET)
1.6
-
-
V
Table 100.
Dual voltage HDFlash memory
Symbol
Parameter
Conditions
Min(1)
Typ
Max(1)
Unit
fCPU
Operating frequency
Read mode
0
8
MHz
Write / erase mode
1
8
VPP
Programming voltage(2)
4.5V VDD 5.5V
11.4
12.6
V
IPP
VPP current
(3)(4)
Read (VPP = 12V)
200
µA
Write / erase
30
mA
tVPP
Internal VPP stabilization time
10(3)
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com