Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 244 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 244 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 240Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 241Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 242Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 243Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 244Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 245Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 246Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 247Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 279 page
background image
Electrical characteristics
ST72361xx-Auto
244/279
Doc ID 12468 Rev 3
Figure 108. Typical VOH at VDD =5V
Figure 109. Typical VOL vs VDD (standard I/Os)
Figure 110. Typical VOL vs VDD (high-sink I/Os)
-2
-5
Iio(mA)
4.1
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
-45°C
25°C
130°C
3456
Vdd(V)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
-45°C
25°C
130°C
3456
Vdd(V)
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-45°C
25°C
130°C
3456
Vdd(V)
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-45°C
25°C
130°C
3456
Vdd(V)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
-45°C
25°C
130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com