Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 253 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 253 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 249Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 250Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 251Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 252Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 253Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 254Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 255Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 256Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 257Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 279 page
background image
ST72361xx-Auto
Electrical characteristics
Doc ID 12468 Rev 3
253/279
Figure 119. RAIN max vs fADC with CAIN = 0pF
1.
CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus
the pad capacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this,
fADC should be reduced.
2.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than
10k
). Data based on characterization results, not tested in production.
Figure 120. Recommended CAIN/RAIN values
1.
Figure 143 shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization
time and reduced to allow the use of a larger serial resistor (RAIN). It is valid for all fADC frequencies
4MHz.
Figure 121. Typical application with ADC
1.
Data based on characterization results, not tested in production.
2.
When VDDA and VSSA pins are not available on the pinout, the ADC refers to VDD and VSS.
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
4 MHz
2 MHz
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF
AINx
ST72XXX
VDD
IL
±1µA
VT
0.6V
VT
0.6V
CADC
6pF
VAIN
RAIN
10-Bit A/D
Conversion
2k
max
CAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com