Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72361AR6-Auto Datasheet(PDF) 274 Page - STMicroelectronics

Part # ST72361AR6-Auto
Description  Clock, reset and supply management
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72361AR6-Auto Datasheet(HTML) 274 Page - STMicroelectronics

Back Button ST72361AR6-Auto Datasheet HTML 270Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 271Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 272Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 273Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 274Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 275Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 276Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 277Page - STMicroelectronics ST72361AR6-Auto Datasheet HTML 278Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 279 page
background image
Important notes
ST72361xx-Auto
274/279
Doc ID 12468 Rev 3
Occurrence
The occurrence of the problem is random and proportional to the baud rate. With a transmit
frequency of 19200 baud (fCPU = 8 MHz and SCIBRR = 0xC9), the wrong break duration
occurrence is around 1%.
Workaround
If this wrong duration is not compliant with the communication protocol in the application,
software can request that an Idle line be generated before the break character. In this case,
the break duration is always correct assuming the application is not doing anything between
the idle and the break. This can be ensured by temporarily disabling interrupts.
The exact sequence is:
●
Disable interrupts
●
Reset and set TE (IDLE request)
●
Set and reset SBK (Break Request)
●
Re-enable interrupts
LIN mode
If the LINE bit in the SCICR3 is set and the M bit in the SCICR1 register is reset, the LINSCI
is in LIN master mode. A single break character is sent by setting and resetting the SBK bit
in the SCICR2 register. In some cases, the break character may have a longer duration than
expected:
●
24 bits instead of 13 bits
Occurrence
The occurrence of the problem is random and proportional to the baud rate. With a transmit
frequency of 19200 baud (fCPU = 8 MHz and SCIBRR = 0xC9), the wrong break duration
occurrence is around 1%.
Analysis
The LIN protocol specifies a minimum of 13 bits for the break duration, but there is no
maximum value. Nevertheless, the maximum length of the header is specified as
(14 + 10 + 10 + 1) x 1.4 = 49 bits. This is composed of:
●
the synch break field (14 bits)
●
the synch field (10 bits)
●
the identifier field (10 bits)
Every LIN frame starts with a break character. Adding an idle character increases the length
of each header by 10 bits. When the problem occurs, the header length is increased by 11
bits and becomes ((14 + 11) + 10 + 10 + 1) = 45 bits.
To conclude, the problem is not always critical for LIN communication if the software keeps
the time between the sync field and the ID smaller than 4 bits, that is, 208µs at 19200 baud.
The workaround is the same as for SCI mode but considering the low probability of
occurrence (1%), it may be better to keep the break generation sequence as it is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com