Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561J9-Auto Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST72561J9-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561J9-Auto Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST72561J9-Auto Datasheet HTML 98Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 99Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 100Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 101Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 102Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 103Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 104Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 105Page - STMicroelectronics ST72561J9-Auto Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 324 page
background image
PWM auto-reload timer (ART)
ST72561-Auto
102/324
Doc ID 12370 Rev 8
Bit 7:6 = Reserved, always read as 0.
Bit 5:4 = CS[2:1] Capture Sensitivity
These bits are set and cleared by software. They determine the trigger event polarity on the
corresponding input capture channel.
0: Falling edge triggers capture on channel x.
1: Rising edge triggers capture on channel x.
Bit 3:2 = CIE[2:1] Capture Interrupt Enable
These bits are set and cleared by software. They enable or disable the Input capture
channel interrupts independently.
0: Input capture channel x interrupt disabled.
1: Input capture channel x interrupt enabled.
Bit 1:0 = CF[2:1] Capture Flag
These bits are set by hardware and cleared by software reading the corresponding
ARTICRx register. Each CFx bit indicates that an input capture x has occurred.
0: No input capture on channel x.
1: An input capture has occurred on channel x.
Input Capture Registers (ARTICRx)
Read only
Reset value: 0000 0000 (00h)
Bit 7:0 = IC[7:0] Input Capture Data
These read only bits are set and cleared by hardware. An ARTICRx register contains the 8-
bit auto-reload counter value transferred by the input capture channel x event.
7
0
0
0
CS2
CS1
CIE2
CIE1
CF2
CF1
7
0
IC7
IC6
IC5
IC4
IC3
IC2
IC1
IC0
Table 46.
PWM auto-reload timer register map and reset values
Address
(Hex.)
Register label
7
6
5
4
3
2
1
0
0031h
PWMDCR3
Reset value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0
0032h
PWMDCR2
Reset value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0
0033h
PWMDCR1
Reset value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0
0034h
PWMDCR0
Reset value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com