Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R4-Auto Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 135Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 136Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 137Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 138Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 139Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 140Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 141Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 142Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 324 page
background image
ST72561-Auto
8-bit timer (TIM8)
Doc ID 12370 Rev 8
139/324
13.6
Summary of timer modes
13.7
Register description
Each Timer is associated with three control and status registers, and with six data registers
(8-bit values) relating to the two input captures, the two output compares, the counter and
the alternate counter.
13.7.1
Control register 1 (CR1)
Read/ write
Reset value: 0000 0000 (00h)
Bit 7 = ICIE Input Capture Interrupt Enable.
0: Interrupt is inhibited.
1: A timer interrupt is generated whenever the ICF1 or ICF2 bit of the SR register is set.
Bit 6 = OCIE Output Compare Interrupt Enable.
0: Interrupt is inhibited.
1: A timer interrupt is generated whenever the OCF1 or OCF2 bit of the SR register is
set.
Bit 5 = TOIE Timer Overflow Interrupt Enable.
0: Interrupt is inhibited.
1: A timer interrupt is enabled whenever the TOF bit of the SR register is set.
Table 54.
Timer modes
Modes
Available resources
Input capture 1
Input capture 2
Output compare
1
Output compare 2
Input Capture
(1 and/or 2)
Yes
Yes
Yes
Yes
Output Compare
(1 and/or 2)
One Pulse Mode
No
Not
Recommended(1)
1.
See note 4 in One pulse mode.
No
Partially(2)
2.
See note 5 in One pulse mode.
PWM Mode
Not
Recommended(3)
3.
See note 4 in Pulse width modulation mode.
No
7
0
ICIE
OCIE
TOIE
FOLV2
FOLV1
OLVL2
IEDG1
OLVL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com