Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R4-Auto Datasheet(PDF) 147 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 147 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 143Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 144Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 145Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 146Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 147Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 148Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 149Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 150Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 324 page
background image
ST72561-Auto
Serial peripheral interface (SPI)
Doc ID 12370 Rev 8
147/324
Figure 71.
Single master/ single slave application
14.3.2
Slave select management
As an alternative to using the SS pin to control the Slave Select signal, the application can
choose to manage the Slave Select signal by software. This is configured by the SSM bit in
the SPICSR register (see Figure 73).
In software management, the external SS pin is free for other application uses and the
internal SS signal level is driven by writing to the SSI bit in the SPICSR register.
In Master mode:
●
SS internal must be held high continuously
In Slave Mode:
There are two cases depending on the data/clock timing relationship (see Figure 72):
If CPHA = 1 (data latched on second clock edge):
●
SS internal must be held low during the entire transmission. This implies that in single
slave applications the SS pin either can be tied to VSS, or made free for standard I/O by
managing the SS function by software (SSM = 1 and SSI = 0 in the in the SPICSR
register)
If CPHA = 0 (data latched on first clock edge):
●
SS internal must be held low during byte transmission and pulled high between each
byte to allow the slave to write to the shift register. If SS is not pulled high, a Write
Collision error will occur when the slave writes to the shift register (see Write collision
error (WCOL)).
Figure 72.
Generic SS timing diagram
8-BIT SHIFT REGISTER
SPI
CLOCK
GENERATOR
8-BIT SHIFT REGISTER
MISO
MOSI
MOSI
MISO
SCK
SCK
SLAVE
MASTER
SS
SS
+5V
MSBit
LSBit
MSBit
LSBit
Not used if SS is managed
by software
MOSI/MISO
Master SS
Slave SS
(if CPHA = 0)
Slave SS
(if CPHA = 1)
Byte 1
Byte 2
Byte 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com