Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R4-Auto Datasheet(PDF) 177 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 177 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 173Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 174Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 175Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 176Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 177Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 178Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 179Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 180Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 181Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 324 page
background image
ST72561-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12370 Rev 8
177/324
Figure 81.
SCI block diagram in LIN slave mode
15.9.3
LIN reception
In LIN mode the reception of a byte is the same as in SCI mode but the LINSCI has features
for handling the LIN header automatically (identifier detection) or semiautomatically (synch
break detection) depending on the LIN Header detection mode. The detection mode is
selected by the LHDM bit in the SCICR3.
Additionally, an automatic resynchronization feature can be activated to compensate for any
clock deviation, for more details please refer to LIN baud rate.
LIN header handling by a slave
Depending on the LIN header detection method the LINSCI will signal the detection of a LIN
Header after the LIN synch break or after the Identifier has been successfully received.
WAKE
UP
UNIT
RECEIVER
CONTROL
SCISR
TRANSMIT
CONTROL
TDRE TC RDRF IDLE
OR/
NF
FE
PE
SCI
CONTROL
INTERRUPT
SCICR1
R8
T8 SCID
M
WAKE PCE
PS
PIE
Received Data Register (RDR)
Receive Shift Register
Read
Transmit Data Register (TDR)
Transmit Shift Register
Write
RDI
TDO
(DATA REGISTER) SCIDR
TRANSMITTER
CLOCK
RECEIVER
CLOCK
fCPU
/ LDIV
SBK
RWU
RE
TE
ILIE
RIE
TCIE
TIE
SCICR2
LIN SLAVE BAUD RATE
AUTO SYNCHRONIZATION
fCPU
SCICR3
LINE
LASE
LHIE
LSF
LHDF
EXTENDED PRESCALER
CONVENTIONAL BAUD RATE
GENERATOR
+
/16
SCIBRR
LPR7
LPR0
LIN SLAVE BAUD RATE GENERATOR
0
1
UNIT
LDUM
LHDM
LHE
LSLV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com