Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R4-Auto Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 183Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 184Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 185Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 186Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 187Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 188Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 189Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 190Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 324 page
background image
ST72561-Auto
LINSCI serial communication interface (LIN master/slave)
Doc ID 12370 Rev 8
187/324
15.10.2
Control Register 1 (SCICR1)
Read/ write
Reset value: x000 0000 (x0h)
Bits 7:3 = Same function as in SCI mode, please refer to Section 15.8: SCI mode register
description.
Bit 2 = PCE Parity control enable.
This bit is set and cleared by software. It selects the hardware parity control for LIN identifier
parity check.
0: parity control disabled
1: parity control enabled
When a parity error occurs, the PE bit in the SCISR register is set.
Bit 1 = reserved
Bit 0 = same function as in SCI mode, please refer to Section 15.8: SCI mode register
description.
15.10.3
Control Register 2 (SCICR2)
Read/ write
Reset value: 0000 0000 (00h)
Bits 7:2 = same function as in SCI mode, please refer to Section 15.8: SCI mode register
description.
Bit 1 = RWU Receiver wake-up.
This bit determines if the SCI is in mute mode or not. It is set and cleared by software and
can be cleared by hardware when a wake-up sequence is recognized.
0: receiver in active mode
1: receiver in mute mode
Note:
Mute mode is recommended for detecting only the header and avoiding the reception of any
other characters. For more details please refer to LIN reception.
In LIN slave mode, when RDRF is set, the software can not set or clear the RWU bit.
Bit 0 = SBK Send break.
This bit set is used to send break characters. It is set and cleared by software.
0: no break character is transmitted
1: break characters are transmitted
Note:
If the SBK bit is set to “1” and then to “0”, the transmitter will send a BREAK word at the end
of the current word.
7
0
R8
T8
SCID
M
WAKE
PCE
PS
PIE
7
0
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com