Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R4-Auto Datasheet(PDF) 229 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 229 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 225Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 226Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 227Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 228Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 229Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 230Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 231Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 232Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 233Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 324 page
background image
ST72561-Auto
beCAN controller (beCAN)
Doc ID 12370 Rev 8
229/324
Figure 104. CAN error state diagram
17.4.5
Error management
The error management as described in the CAN protocol is handled entirely by hardware
using a Transmit Error Counter (TECR register) and a Receive Error Counter (RECR
register), which get incremented or decremented according to the error condition. For
detailed information about TEC and REC management, please refer to the CAN standard.
Both of them may be read by software to determine the stability of the network.
Furthermore, the CAN hardware provides detailed information on the current error status in
CESR register. By means of CEIER register and ERRIE bit in CIER register, the software
can configure the interrupt generation on error detection in a very flexible way.
Bus-off recovery
The Bus-Off state is reached when TECR is greater then 255, this state is indicated by
BOFF bit in CESR register. In Bus-Off state, the beCAN acts as disconnected from the CAN
bus, hence it is no longer able to transmit and receive messages.
Depending on the ABOM bit in the CMCR register beCAN will recover from Bus-Off
(become error active again) either automatically or on software request. But in both cases
the beCAN has to wait at least for the recovery sequence specified in the CAN standard
(128 x 11 consecutive recessive bits monitored on CANRX).
10
MDAR4
11
MDAR5
12
MDAR6
13
MDAR7
14
Reserved
15
Reserved
Table 83.
Receive mailbox mapping (continued)
Offset to receive mailbox base
address (bytes)
Register Name
ERROR PASSIVE
When TEC or REC > 127
When TEC and REC < 128,
ERROR ACTIVE
BUS OFF
When TEC > 255
When 128 * 11 recessive bits occur:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com