Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561R4-Auto Datasheet(PDF) 248 Page - STMicroelectronics

Part # ST72561R4-Auto
Description  Clock, reset and supply management
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561R4-Auto Datasheet(HTML) 248 Page - STMicroelectronics

Back Button ST72561R4-Auto Datasheet HTML 244Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 245Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 246Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 247Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 248Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 249Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 250Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 251Page - STMicroelectronics ST72561R4-Auto Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 324 page
background image
beCAN controller (beCAN)
ST72561-Auto
248/324
Doc ID 12370 Rev 8
17.8.3
Mailbox registers
This chapter describes the registers of the transmit and receive mailboxes. Refer to
Message storage for detailed register mapping.
Transmit and receive mailboxes have the same registers except:
●
MCSR register in a transmit mailbox is replaced by MFMI register in a receive mailbox.
●
A receive mailbox is always write protected.
●
A transmit mailbox is write enable only while empty, corresponding TME bit in the
CTPR register set.
Mailbox control status register (MCSR)
Read/ write
Reset value: 0000 0000 (00h)
Bits 7:6 = reserved. Forced to 0 by hardware.
Bit 5 = TERR Transmission Error
Read
This bit is updated by hardware after each transmission attempt.
0: the previous transmission was successful
1: the previous transmission failed due to an error
Bit 4 = ALST Arbitration Lost
Read
This bit is updated by hardware after each transmission attempt.
0: the previous transmission was successful
1: the previous transmission failed due to an arbitration lost
Bit 3 = TXOK Transmission OK
Read
The hardware updates this bit after each transmission attempt.
0: the previous transmission failed
1: the previous transmission was successful
Note:
This bit has the same value as the corresponding TXOKx bit in the CTSR register.
Bit 2 = RQCP Request Completed
Read/ clear
Set by hardware when the last request (transmit or abort) has been performed.
Cleared by software writing a “1” or by hardware on transmission request.
Note:
This bit has the same value as the corresponding RQCPx bit of the CTSR register.
Clearing this bit clears all the status bits (TXOK, ALST and TERR) in the MCSR register and
the RQCP and TXOK bits in the CTSR register.
Bit 1 = ABRQ Abort Request for Mailbox
Read/ set
Set by software to abort the transmission request for the corresponding mailbox.
7
0
0
0
TERR
ALST
TXOK
RQCP
ABRQ
TXRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com