Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302x8 Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32F302x8
Description  Reset and power management
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302x8 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32F302x8 Datasheet HTML 130Page - STMicroelectronics STM32F302x8 Datasheet HTML 131Page - STMicroelectronics STM32F302x8 Datasheet HTML 132Page - STMicroelectronics STM32F302x8 Datasheet HTML 133Page - STMicroelectronics STM32F302x8 Datasheet HTML 134Page - STMicroelectronics STM32F302x8 Datasheet HTML 135Page - STMicroelectronics STM32F302x8 Datasheet HTML 136Page - STMicroelectronics STM32F302x8 Datasheet HTML 137Page - STMicroelectronics STM32F302x8 Datasheet HTML 138Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 137 / 138 page
background image
DocID025147 Rev 6
137/138
STM32F302x6 STM32F302x8
Revision history
137
10-Feb-2015
4
Updated:
– the values for External clock (HSE bypass) at 48 MHz
in Table 28: Typical and maximum current
consumption from VDD supply at VDD = 3.6V
– Table 41: HSE oscillator characteristics
– Table 46: Flash memory characteristics
– Table 72: Comparator characteristics
Added:
– Figure 35: Maximum VREFINT scaler startup time
from power down
04-Jun-2015
5
Updated:
– AF9 value for PA1, PA3 and PA9 in Table 13:
Alternate functions for Port A,
– the structure of Section 7: Package information.
22-Jul-2016
6
Updated footnotes on:
– All document’s tables by removing the “not tested in
production” specification
– Table 12: STM32F302x6/8 pin definitions
– Table 19: Voltage characteristics
– Table 72: Comparator characteristics
– Figure 4: STM32F302x6/8 UFQFN32 pinout
– Figure 5: STM32F302x6/8 LQFP48 pinout
– Figure 6: STM32F302x6/8 LQFP64 pinout
– Figure 7: STM32F302x6/8 WLCSP49 ballout
– Figure 24: Recommended NRST pin protection
– Figure 46: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm
pitch ultra thin fine pitch quad flat package outline
Updated tables:
– Updated VREFINT line on Table 26: Embedded internal
reference voltage
– Updated “Conditions” column on Table 42: LSE
oscillator characteristics (fLSE = 32.768 kHz)
– Added CMIR and tSTAB lines on Table 66: ADC
characteristics
– Updated RLOAD line on Table 71: DAC characteristics
– Updated VOHSAT and VOLSAT lines on Table 73:
Operational amplifier characteristics
Updated figures:
– Figure 2: Clock tree
– Figure 7: STM32F302x6/8 WLCSP49 ballout
– Figure 21: Five volt tolerant (FT and FTf) I/O input
characteristics - CMOS port
– Figure 24: Recommended NRST pin protection
Added:
– Table 38: Wakeup time using USART
Updated name of Section 8: Ordering information
Table 84. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com