Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303C8 Datasheet(PDF) 114 Page - STMicroelectronics

Part # STM32F303C8
Description  Up to 64 Kbytes of Flash memory
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303C8 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button STM32F303C8 Datasheet HTML 107Page - STMicroelectronics STM32F303C8 Datasheet HTML 108Page - STMicroelectronics STM32F303C8 Datasheet HTML 109Page - STMicroelectronics STM32F303C8 Datasheet HTML 110Page - STMicroelectronics STM32F303C8 Datasheet HTML 111Page - STMicroelectronics STM32F303C8 Datasheet HTML 112Page - STMicroelectronics STM32F303C8 Datasheet HTML 113Page - STMicroelectronics STM32F303C8 Datasheet HTML 114Page - STMicroelectronics STM32F303C8 Datasheet HTML 115Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 114 / 115 page
background image
Revision history
STM32F303x6/x8
114/115
DocID025083 Rev 5
9
Revision history
Table 77. Document revision history
Date
Revision
Changes
11-Apr-2014
1
Initial release.
9-Dec-2014
2
Updated:
Table 73: Package thermal characteristics: remove Note 1.
Table 17: Voltage characteristics: added line in VIN
Table 35: Low-power mode wakeup timings: updated Max
values
Table 40: HSI oscillator characteristics (Accuracy of the
oscillator)
Table 40: HSI oscillator characteristics (Accuracy of the
oscillator)
Table 54: TIMx characteristics
Table 59: ADC characteristics
Table 34: Peripheral current consumption
Table 2: STM32F303x6/8 family device features and
peripherals count
Figure 17: HSI oscillator accuracy characterization results for
soldered parts
Updated notes of Table 31: Typical current consumption in
Run mode, code with data processing running from Flash and
Table 32: Typical current consumption in Sleep mode, code
running from Flash or RAM.
09-May-2015
4
Updated Section Table 14.: STM32F303x6/8 pin definitions
and Section Table 15.: Alternate functions
2-Feb-2015
3
Updated:
Figure 1: STM32F303x6/8 block diagram
Table 40: HSE oscillator characteristics
Table 45: Flash memory characteristics
Added Figure 13: High-speed external clock source AC timing
diagram
05-Oct-2016
5
Updated:
Section Table 66.: DAC characteristics, Section Table 61.:
ADC characteristics,Table 55: NRST pin characteristics,
Figure 2: Clock tree,Table 14: STM32F303x6/8 pin
definitions,Table 68: Operational amplifier characteristics,
Figure 20: 5V- tolerant (FT and FTf) I/O input characteristics -
CMOS port, Table 24: Embedded internal reference voltage,
Table 41: LSE oscillator characteristics (fLSE = 32.768 kHz).
Added:
Table 37: Wakeup time using USART.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com