Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F358RCT7 Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32F358RCT7
Description  Operating conditions
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F358RCT7 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32F358RCT7 Datasheet HTML 126Page - STMicroelectronics STM32F358RCT7 Datasheet HTML 127Page - STMicroelectronics STM32F358RCT7 Datasheet HTML 128Page - STMicroelectronics STM32F358RCT7 Datasheet HTML 129Page - STMicroelectronics STM32F358RCT7 Datasheet HTML 130Page - STMicroelectronics STM32F358RCT7 Datasheet HTML 131Page - STMicroelectronics STM32F358RCT7 Datasheet HTML 132Page - STMicroelectronics STM32F358RCT7 Datasheet HTML 133Page - STMicroelectronics STM32F358RCT7 Datasheet HTML 134Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 133 / 134 page
background image
DocID025540 Rev 4
133/134
STM32F358xC
Revision history
133
30-Jan-2015
3
Updated Section 6.3.20: Comparator characteristics modifying ts_sc,
VDDA characteristics in Table 76 and adding Figure 36: Maximum
VREFINT scaler startup time from power down.
Updated IDD data current consumption in Table 40: HSE oscillator
characteristics.
17-Apr-2015
4
Updated Table 36: Peripheral current consumption with 12.6uA/MHz-
BusMatrix, 7.6uA/MHz-DMA1, 6.1uA/MHz-DMA2 new current values.
Updated Section 7: Package information: with new package
information structure adding 1 sub paragraph for each package.
Updated Figure 40: LQFP100 – 14 x 14 mm, low-profile quad flat
package top view example removing gate mark.
Added note for all package device markings: “the following figure gives
an example of topside marking orientation versus pin 1 identifier
location”.
Updated Table 82: LQFP64 – 10 x 10 mm, low-profile quad flat
package mechanical data.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com