Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F410RB Datasheet(PDF) 140 Page - STMicroelectronics

Part # STM32F410RB
Description  Clock, reset and supply management
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F410RB Datasheet(HTML) 140 Page - STMicroelectronics

Back Button STM32F410RB Datasheet HTML 134Page - STMicroelectronics STM32F410RB Datasheet HTML 135Page - STMicroelectronics STM32F410RB Datasheet HTML 136Page - STMicroelectronics STM32F410RB Datasheet HTML 137Page - STMicroelectronics STM32F410RB Datasheet HTML 138Page - STMicroelectronics STM32F410RB Datasheet HTML 139Page - STMicroelectronics STM32F410RB Datasheet HTML 140Page - STMicroelectronics STM32F410RB Datasheet HTML 141Page - STMicroelectronics STM32F410RB Datasheet HTML 142Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 140 / 142 page
background image
Revision history
STM32F410x8/B
140/142
DocID028094 Rev 5
Revision history
Table 89. Document revision history
Date
Revision
Changes
28-Sep-2015
1
Initial release.
07-Dec-2015
2
Junction temperature range changed to –40 to + 110 °C for WLCSP49 package.
Updated Figure 7: UFQFPN48 pinout.
10-Aug-2016
3
Updated:
– Table 2: STM32F410x8/B features and peripheral counts
– Table 9: STM32F410x8/B pin definitions
– Table 14: Thermal characteristics
– Table 15: General operating conditions
– Table 20: Embedded reset and power control block characteristics
– Tables from Table 21: Typical and maximum current consumption, code with
data processing (ART accelerator disabled) running from SRAM - VDD = 1.7 V
to Table 34: Typical and maximum current consumptions in VBAT mode (LSE
and RTC ON, LSE low- drive mode)
– Table 42: HSI oscillator characteristics
– Table 43: LSI oscillator characteristics
– Table 49: Flash memory endurance and data retention
– Table 52: ESD absolute maximum ratings
– Table 55: I/O static characteristics
– Table 66: ADC characteristics
– Table 75: Embedded internal reference voltage
– Table 77: DAC characteristics
– Table 87: Ordering information scheme
– Figure 16: Typical VBAT current consumption (LSE and RTC ON/LSE oscillator
in “low power” mode selection
– Section 7: Package information
Added:
– Figure 5: LQFP48 pinout
– Figure 8: UFBGA64 pinout
– Figure 49: LQFP48 marking example (package top view)
– Figure 55: UFBGA64 marking example (package top view)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com