Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L15xVC Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32L15xVC
Description  Reset and supply management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L15xVC Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32L15xVC Datasheet HTML 128Page - STMicroelectronics STM32L15xVC Datasheet HTML 129Page - STMicroelectronics STM32L15xVC Datasheet HTML 130Page - STMicroelectronics STM32L15xVC Datasheet HTML 131Page - STMicroelectronics STM32L15xVC Datasheet HTML 132Page - STMicroelectronics STM32L15xVC Datasheet HTML 133Page - STMicroelectronics STM32L15xVC Datasheet HTML 134Page - STMicroelectronics STM32L15xVC Datasheet HTML 135Page - STMicroelectronics STM32L15xVC Datasheet HTML 136Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 133 / 136 page
background image
DocID022799 Rev 12
133/136
STM32L151xC STM32L152xC
Revision History
135
12-Nov-2013
5
Updated Section 3.15: Touch sensing.
Added VDD= 1.71 to 1.8 V operating power supply range in Table 4:
Functionalities depending on the working mode (from Run/active down
to standby)
Renamed "I/O Level" to "I/O structure" in Table 9: STM32L15xxC pin
definitions, added the I/O structure for PC14, PC15, PC3, PH0, PH1,
PA3, PA4, PA5, PB0, PE7, PE8, PE9, PE10, NRST and BOOT0
Updated Table 10: Voltage characteristics added row
Updated Table 11: Current characteristics replaced with the one inside
STM32L15xxBxxA datasheet.
Updated Table 13: General operating conditions, footnote and added
row.
Updated Table 15: Embedded internal reference voltage calibration
values and moved inside Section 6.3.3: Embedded internal reference
voltage
Updated Section 6.3.4: Supply current characteristics.
Updated Table 19: Current consumption in Run mode, code with data
processing running from Flash.
Updated Table 22: Current consumption in Run mode, code with data
processing running from RAM.
Created Section 6.3.5: Wakeup time from low-power mode..
Updated Table 38: High-speed external user clock characteristics.
Moved Figure 12: High-speed external clock source AC timing diagram
after Table 38: High-speed external user clock characteristics.
Updated Table 40: HSE oscillator characteristics.
Updated Section 6.3.12: Electrical sensitivity characteristics (title).
Updated Section 6.3.13: I/O current injection characteristics.
Updated Table 61: I/O current injection susceptibility and added
footnote.
Updated Table 63: I/O static characteristics
Updated Section 6.3.15: NRST pin characteristics.
Updated Table 77: ADC characteristics.
Added footnote(5) and (6) in Table 77: ADC characteristics
Updated THD values and added 4 more rows ENOB, SINAD, SNR,
THD in Table 78: ADC accuracy
Updated “SDA data hold time” and “SDA and SCL rise time” values
and added “Pulse width of spikes that are suppressed by the analog
filter” row in Table 68: I2C characteristics
Updated direct channels VDDA range in Table 79: RAIN max for fADC =
16 MHz
Moved Table 82: Temperature sensor calibration values and moved
inside Section 6.3.23: Temperature sensor characteristics
Updated IDD (WU from Standby) unit in Table 31: Typical and
maximum current consumptions in Standby mode.
Updated Table 67: LQFP64, 10 x 10 mm 64-pin low-profile quad flat
package mechanical data
Updated Chapter 8: Part numbering (title).
Table 75. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com