Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L100C6 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM32L100C6
Description  Ultra-low-power platform
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L100C6 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM32L100C6 Datasheet HTML 95Page - STMicroelectronics STM32L100C6 Datasheet HTML 96Page - STMicroelectronics STM32L100C6 Datasheet HTML 97Page - STMicroelectronics STM32L100C6 Datasheet HTML 98Page - STMicroelectronics STM32L100C6 Datasheet HTML 99Page - STMicroelectronics STM32L100C6 Datasheet HTML 100Page - STMicroelectronics STM32L100C6 Datasheet HTML 101Page - STMicroelectronics STM32L100C6 Datasheet HTML 102Page - STMicroelectronics STM32L100C6 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 103 page
background image
Revision history
STM32L100C6 STM32L100R8/RB
102/103
DocID024295 Rev 5
30-Jan-2015
4
Updated DMIPS features in cover page and Section 2: Description.
Updated Table 23: Peripheral current consumption with new
measured values.
Updated Table 55: Maximum source impedance RAIN max adding
note 2.
Updated Section 7: Package information with new package device
marking.
Updated Figure 5: Memory map.
Updated Table 63: Ordering information scheme.
28-Apr-2016
5
Updated Section 7: Package information structure: Paragraph titles
and paragraph heading level.
Updated Table 60: LQFP64 10 x 10 mm, 64-pin low-profile quad flat
package mechanical data.
Updated Section 7: Package information for LQFP64 and
UFQFPN48 package device markings, adding text for device
orientation versus pin 1 identifier.
Updated Table 15: Embedded internal reference voltage
temperature coefficient at 100ppm/°C and table note 3: ‘guaranteed
by design’ changed by ‘guaranteed by characterization results’.
Updated Table 58: Comparator 2 characteristics new maximum
threshold voltage temperature coefficient at 100ppm/°C.
Updated Table 38: ESD absolute maximum ratings CDM class.
Updated all the notes, removing ‘not tested in production’.
Updated Table 9: Voltage characteristics adding note about VREF-
pin.
Updated Table 2: Functionalities depending on the operating power
supply range LSI and LSE functionalities putting “Y” in Standby
mode.
Removed note 1 below Figure 2: Clock tree.
Updated Table 56: DAC characteristics resistive load.
Table 64. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com