Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L162RE Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32L162RE
Description  Ultra-low-power platform
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L162RE Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32L162RE Datasheet HTML 118Page - STMicroelectronics STM32L162RE Datasheet HTML 119Page - STMicroelectronics STM32L162RE Datasheet HTML 120Page - STMicroelectronics STM32L162RE Datasheet HTML 121Page - STMicroelectronics STM32L162RE Datasheet HTML 122Page - STMicroelectronics STM32L162RE Datasheet HTML 123Page - STMicroelectronics STM32L162RE Datasheet HTML 124Page - STMicroelectronics STM32L162RE Datasheet HTML 125Page - STMicroelectronics STM32L162RE Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 129 page
background image
Package information
STM32L162xE
122/129
DocID025882 Rev 6
Figure 40. WLCSP104, 0.4 mm pitch wafer level chip scale package recommended
footprint
Table 68. WLCSP104, 0.4 mm pitch wafer level chip scale package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
0.525
0.555
0.585
0.0207
0.0219
0.023
A1
-
0.175
-
-
0.0069
-
A2
-
0.38
-
-
0.015
-
A3(2)
2. Back side coating.
-
0.025
-
-
0.001
-
ø b(3)
3. Dimension is measured at the maximum bump diameter parallel to primary datum Z.
0.22
0.25
0.28
0.0087
0.0098
0.011
D
4.06
4.095
4.13
0.1598
0.1612
0.1626
E
5.059
5.094
5.129
0.1992
0.2006
0.2019
e
-
0.4
-
-
0.0157
-
e1
-
3.2
-
-
0.126
-
e2
-
4.4
-
-
0.1732
-
F
-
0.447
-
-
0.0176
-
G
-
0.347
-
-
0.0137
-
aaa
-
-
0.1
-
-
0.0039
bbb
-
-
0.1
-
-
0.0039
ccc
-
-
0.1
-
-
0.0039
ddd
-
-
0.05
-
-
0.002
eee
-
-
0.05
-
-
0.002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com