Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H-14 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # H-14
Description  n Double pole, double throw contacts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

H-14 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  H-14 Datasheet HTML 1Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7–71
KILOVAC High Voltage Relays
7
For factory-direct application assistance,
dial 800-253-4560, ext. 2055, or
805-220-2055.
H-14/16 Series Make & Break Load Switching — 12 kV Relays
H-14
Product Facts for H-14
n Double pole, double throw
contacts
n Vacuum dielectric for power
switching low current loads
n 30 Amps DC continuous
current rating
n Corona shield high voltage
terminals available
n Meets requirements of
MIL-R-83725
Product Specifications for
H-14 and H-16
Contact Arrangement — DPDT
Contact Form — 2C
Test Voltage, DC or 60 Hz (Peak) —
15 kV
Rated Operating Voltage (Peak) —
DC or 60 Hz — 12 kV
2.5 MHz — 10 kV
16 MHz — 8 kV
32 MHz — 5 kV
Continuous Carry Current, Max. —
DC or 60 Hz — 30 A
2.5 MHz — H-14 — 15 A
H-16 — 10 A
16 MHz — H-14 — 10 A
H-16 — 6 A
32 MHz — H-14 — 8 A
H-16 — 4 A
Coil Hi-Pot (Vrms, 60 Hz) — 500 A
Contact Capacitance —
Between Open Contacts — 1 pF
Open Contacts to Ground — 2.5 pF
Contact Resistance, Max. —
H-14 — 0.015 ohm
H-16 — 0.03 ohm
Operate Time, Max. — 20 ms
Release Time, Max. — 20 ms
Shock, 11ms, 1/2 Sine (Peak) —
20 g
Vibration —
Peak — 10 g (55 to 500 Hz)
Operating Ambient Temperature
Range — -55°C to +125°C
Mechanical Life
(Operations x 106) —
H-14 — 1 million cycles
H-16 — 500,000 cycles
Weight, Nominal —
H-14 — 226.8 g (8 oz.)
H-16 — 170.1 g (6 oz.)
H-16
Product Facts for H-16
n 12 kV rating; isolates 5 kV at
32 MHz
n Vacuum dielectric for power
switching low current loads
n Double pole, double throw
contacts
n Widely used as a
transmit/receive switch
n Meets requirements of
MIL-R-83725
Ordering Information
Sample Part Number
H- 14 /12Vdc
Series:
Model:
14
16
Coil Voltage:
Blank = 26.5 Vdc
/12Vdc = 12 Vdc
/115Vdc = 115 Vdc
Coil Data
Nominal Volts DC
12 Vdc
26.5 Vdc
115 Vdc
Pickup, Max.
8 Vdc
16 Vdc
80 Vdc
Dropout
.5-5 Vdc
1-10 Vdc
5-50 Vdc
Coil Resistance (±10%)
24
120
2000
Ratings listed are for 25°C, sea level conditions
Catalog 5-1773450-5
Dimensions are shown for
Dimensions are in millimeters
USA: +1 800 522 6752
For additional support numbers
Revised 3-13
reference purposes only.
unless otherwise specified.
Asia Pacific: +86 0 400 820 6015
please visit www.te.com
Specifications subject
UK: +44 800 267 666
www.te.com
to change.


Similar Part No. - H-14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
H-14 MACOM-H-14 Datasheet
469Kb / 1P
   Make & Break Load Switching
More results

Similar Description - H-14

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6066 PASTERNACK-PE71S6066 Datasheet
388Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6071 PASTERNACK-PE71S6071 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
logo
Rohm
BD11670GWL ROHM-BD11670GWL Datasheet
931Kb / 16P
   DPDT Type (Double Pole Double Throw)
logo
Pasternack Enterprises,...
PE71S6068 PASTERNACK-PE71S6068 Datasheet
402Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6067 PASTERNACK-PE71S6067 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6069 PASTERNACK-PE71S6069 Datasheet
399Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6070 PASTERNACK-PE71S6070 Datasheet
422Kb / 4P
   Double Pole Double Throw Relay Switch
PE71S6065 PASTERNACK-PE71S6065 Datasheet
389Kb / 4P
   Double Pole Double Throw Relay Switch
logo
NXP Semiconductors
NX3DV3899 PHILIPS-NX3DV3899_15 Datasheet
204Kb / 22P
   Dual double-pole double-throw analog switch
Rev. 3-9 November 2011
NX3DV3899 NXP-NX3DV3899 Datasheet
650Kb / 22P
   Dual double-pole double-throw analog switch
Rev. 2-23 November 2010
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com