Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6002ACMC Datasheet(PDF) 110 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 110 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 106Page - Teccor Electronics P6002ACMC Datasheet HTML 107Page - Teccor Electronics P6002ACMC Datasheet HTML 108Page - Teccor Electronics P6002ACMC Datasheet HTML 109Page - Teccor Electronics P6002ACMC Datasheet HTML 110Page - Teccor Electronics P6002ACMC Datasheet HTML 111Page - Teccor Electronics P6002ACMC Datasheet HTML 112Page - Teccor Electronics P6002ACMC Datasheet HTML 113Page - Teccor Electronics P6002ACMC Datasheet HTML 114Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 212 page
background image
Analog Line Cards
http://www.teccor.com
3 - 22
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
In Figure 3.26 an application that requires 50
W Line Feed Resistors (LFR) uses one
B1160CC and two EDF1BS diode bridges in place of multiple SLIC protectors. The
overshoot caused by the diode bridge must be considered; however, with this approach it is
imperative that the sum of the loop currents does not exceed the Battrax’s holding current.
In the application shown in Figure 3.26, each loop current would have to be limited to
80 mA. For applications requiring the protection of four twisted pair with one Battrax, use
the B1200CC and limit each individual loop current to 50 mA.
Figure 3.26 SLIC Protection with a Single Battrax Device
Figure 3.27 and Figure 3.28 show circuits that use negative Battrax devices containing an
internal diode for positive surge protection. This obviates using the discrete diodes shown in
Figure 3.24.
R
E
L
A
Y
S
L
I
C
EDF1BS
-VREF
R
E
L
A
Y
S
L
I
C
P3100SA
P3100SA
50
Ω LFR
EDF1BS
B1160CC
50
Ω LFR
50
Ω LFR
50
Ω LFR
Tip
Ring
Tip
Ring
P3100SA
P3100SA
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com