Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6002ACMC Datasheet(PDF) 135 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 135 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 131Page - Teccor Electronics P6002ACMC Datasheet HTML 132Page - Teccor Electronics P6002ACMC Datasheet HTML 133Page - Teccor Electronics P6002ACMC Datasheet HTML 134Page - Teccor Electronics P6002ACMC Datasheet HTML 135Page - Teccor Electronics P6002ACMC Datasheet HTML 136Page - Teccor Electronics P6002ACMC Datasheet HTML 137Page - Teccor Electronics P6002ACMC Datasheet HTML 138Page - Teccor Electronics P6002ACMC Datasheet HTML 139Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 212 page
background image
ITU-T K.20 and K.21
© 2002 Teccor Electronics
4 - 11
http://www.teccor.com
SIDACtor® Data Book and Design Guide
+1 972-580-7777
* One-minute rest between repetitions
** This test is not conducted if primary protection is used.
Figure 4.3 Connection Appearances
Table 4.10 K.20 Lightning Test Conditions for Telecom Equipment in Central Office/Remote Terminal
Voltage (10x700 µs)
Current (5x310 µs)
Basic/Enhanced
(A)
Repetitions *
Primary Protection
Acceptance
Criteria
Single Port
Metallic and
Longitudinal
Basic/Enhanced
Multiple Ports
Longitudinal Only
Basic/Enhanced
1 kV/1.5 kV
25/37.5
±5
None **
A
4 kV/4 kV
100/100
±5
Installed if used
A
1.5 kV/1.5 kV
37.5/37.5
±5
None
A
4 kV/6 kV
100/150
±5
Installed if used
A
A
25
Ω
B
E
Equipment Under Test
Decoupling
Elements
Surge
Generator
A
25
Ω
R3 = 25
Ω
B
E
Equipment Under Test
Decoupling
Elements
Surge
Generator
a) Transversal test
b) Longitudinal test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com