Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6002ACMC Datasheet(PDF) 174 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 174 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 170Page - Teccor Electronics P6002ACMC Datasheet HTML 171Page - Teccor Electronics P6002ACMC Datasheet HTML 172Page - Teccor Electronics P6002ACMC Datasheet HTML 173Page - Teccor Electronics P6002ACMC Datasheet HTML 174Page - Teccor Electronics P6002ACMC Datasheet HTML 175Page - Teccor Electronics P6002ACMC Datasheet HTML 176Page - Teccor Electronics P6002ACMC Datasheet HTML 177Page - Teccor Electronics P6002ACMC Datasheet HTML 178Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 212 page
background image
Overvoltage Protection Comparison
http://www.teccor.com
5 - 12
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
TVS Diodes
Transient Voltage Suppressor (TVS) diodes are clamping voltage suppressors that are
constructed with back-to-back PN junctions. During conduction, TVS diodes create a low
impedance path by varying their resistance as voltage is applied across their terminals.
Once the voltage is removed, the diode will turn off and return to its high off-state
impedance.
Advantages
Because TVS diodes are solid state devices, they do not fatigue nor do their electrical
parameters change as long as they are operated within their specified limits. TVS diodes
effectively clamp fast-rising transients and are well suited for low-voltage applications that
do not require large amounts of energy to be shunted.
Restrictions
Because TVS diodes are clamping devices, they have two inherent weaknesses. First, TVS
diodes are both voltage- and current-limited, so careful consideration should be given to
using these in applications that require large amounts of energy to be shunted. Secondly,
as the amount of current flowing through the device increases, so does its maximum
clamping voltage.
Applications
Due to their low power ratings, TVS diodes are not used as primary interface protectors
across Tip and Ring; they are used as secondary protectors that are embedded within a
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com