Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6002ACMC Datasheet(PDF) 196 Page - Teccor Electronics

Part # P6002ACMC
Description  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P6002ACMC Datasheet(HTML) 196 Page - Teccor Electronics

Back Button P6002ACMC Datasheet HTML 192Page - Teccor Electronics P6002ACMC Datasheet HTML 193Page - Teccor Electronics P6002ACMC Datasheet HTML 194Page - Teccor Electronics P6002ACMC Datasheet HTML 195Page - Teccor Electronics P6002ACMC Datasheet HTML 196Page - Teccor Electronics P6002ACMC Datasheet HTML 197Page - Teccor Electronics P6002ACMC Datasheet HTML 198Page - Teccor Electronics P6002ACMC Datasheet HTML 199Page - Teccor Electronics P6002ACMC Datasheet HTML 200Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 212 page
background image
Package Dimensions
http://www.teccor.com
6 - 6
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
MS-013
The MS-013 is designed to meet mechanical standards as set forth in JEDEC publication
number 95.
Notes:
• Dimensions and tolerances per ASME Y14.5M-1982
• Mold flash shall not exceed 0.13 mm per side.
• All leads are insulated from case. Case is electrically non-conductive. (Rated at 1600 V ac rms for one
minute from leads to case over the operating temperature range)
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.360
0.364
9.14
9.25
B
0.348
0.352
8.84
8.94
C
0.352
0.356
8.94
9.04
D
0.138
0.138
3.51
3.51
E
0.400
0.412
10.16
10.46
F
0.051
1.30
G
0.043
1.09
H
0.051
1.30
J
0.118
3.00
K
0.089
2.26
L
0.293
0.293
0.30
7.44
M
0.289
0.293
7.34
7.44
N
0.089
0.093
2.26
2.36
P
0.045
0.045
1.14
1.14
R
0.034
0.036
0.86
0.91
S
0.008
0.008
0.20
0.20
T
0.036
0.036
0.91
0.91
U
0.020
0.51
W
0.010
0.010
0.25
0.25
X
0.023
0.023
0.58
0.58
E
M
7 ˚ TYP
MOLD SPLIT LINE
A
B
C
D
7 ˚ TYP
A
F
G
FH
J
K
1
7 ˚ TYP
7 ˚ TYP
L
N
P
BURR SIDE
4 ˚
MIN LENGTH
OF FLAT
0.08
DETAIL A
SCALE 20:1
R
[.065]
1.65
T
U
W
X
96 ˚
[.460]
11.68
[.138]
3.50
[.059]
1.50
PAD OUTLINE
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com