Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104FAA Datasheet(PDF) 105 Page - Renesas Technology Corp

Part # R5F104FAA
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104FAA Datasheet(HTML) 105 Page - Renesas Technology Corp

Back Button R5F104FAA Datasheet HTML 101Page - Renesas Technology Corp R5F104FAA Datasheet HTML 102Page - Renesas Technology Corp R5F104FAA Datasheet HTML 103Page - Renesas Technology Corp R5F104FAA Datasheet HTML 104Page - Renesas Technology Corp R5F104FAA Datasheet HTML 105Page - Renesas Technology Corp R5F104FAA Datasheet HTML 106Page - Renesas Technology Corp R5F104FAA Datasheet HTML 107Page - Renesas Technology Corp R5F104FAA Datasheet HTML 108Page - Renesas Technology Corp R5F104FAA Datasheet HTML 109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 213 page
background image
RL78/G14
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
°C)
R01DS0053EJ0330 Rev. 3.30
Page 105 of 208
Aug 12, 2016
(Notes, Caution, and Remarks are listed on the next page.)
(9)
Communication at different potential (1.8 V, 2.5 V, 3 V) (CSI mode) (slave mode, SCKp... external clock
input)
(TA = -40 to +85°C, 1.8 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
HS (high-speed
main) mode
LS (low-speed
main) mode
LV (low-voltage
main) mode
Unit
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
SCKp cycle time
Note 1
tKCY2
4.0 V
≤ EVDD0 ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V
24 MHz
< fMCK
14/fMCK
——
ns
20 MHz
< fMCK ≤ 24 MHz
12/fMCK
——
ns
8 MHz
< fMCK ≤ 20 MHz
10/fMCK
——
ns
4 MHz
< fMCK ≤ 8 MHz
8/fMCK
16/fMCK
—ns
fMCK
≤ 4 MHz
6/fMCK
10/fMCK
10/fMCK
ns
2.7 V
≤ EVDD0 < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V
24 MHz
< fMCK
20/fMCK
——
ns
20 MHz
< fMCK ≤ 24 MHz
16/fMCK
——
ns
16 MHz
< fMCK ≤ 20 MHz
14/fMCK
——
ns
8 MHz
< fMCK ≤ 16 MHz
12/fMCK
——
ns
4 MHz
< fMCK ≤ 8 MHz
8/fMCK
16/fMCK
—ns
fMCK
≤ 4 MHz
6/fMCK
10/fMCK
10/fMCK
ns
1.8 V
≤ EVDD0 < 3.3 V,
1.6 V
≤ Vb ≤ 2.0 V
Note 2
24 MHz
< fMCK
48/fMCK
——
ns
20 MHz
< fMCK ≤ 24 MHz
36/fMCK
——
ns
16 MHz
< fMCK ≤ 20 MHz
32/fMCK
——
ns
8 MHz
< fMCK ≤ 16 MHz
26/fMCK
——
ns
4 MHz
< fMCK ≤ 8 MHz
16/fMCK
16/fMCK
—ns
fMCK
≤ 4 MHz
10/fMCK
10/fMCK
10/fMCK
ns
SCKp high-/
low-level width
tKH2,
tKL2
4.0 V
≤ EVDD0 ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V
tKCY2/2
- 12
tKCY2/2
- 50
tKCY2/2
- 50
ns
2.7 V
≤ EVDD0 < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V
tKCY2/2
- 18
tKCY2/2
- 50
tKCY2/2
- 50
ns
1.8 V
≤ EVDD0 < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 2
tKCY2/2
- 50
tKCY2/2
- 50
tKCY2/2
- 50
ns
SIp setup time
(to SCKp
↑) Note 3
tSIK2
4.0 V
≤ EVDD0 ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V
1/fMCK
+ 20
1/fMCK
+ 30
1/fMCK
+ 30
ns
2.7 V
≤ EVDD0 < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V
1/fMCK
+ 20
1/fMCK
+ 30
1/fMCK
+ 30
ns
1.8 V
≤ EVDD0 < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 2
1/fMCK
+ 30
1/fMCK
+ 30
1/fMCK
+ 30
ns
SIp hold time
(from SCKp
↑)
Note 4
tKSI2
1/fMCK
+ 31
1/fMCK
+ 31
1/fMCK
+ 31
ns
Delay time from
SCKp
↓ to SOp
output Note 5
tKSO2
4.0 V
≤ EVDD0 ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 30 pF, Rb = 1.4 k
Ω
2/fMCK
+ 120
2/fMCK
+ 573
2/fMCK
+ 573
ns
2.7 V
≤ EVDD0 < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 30 pF, Rb = 2.7 k
Ω
2/fMCK
+ 214
2/fMCK
+ 573
2/fMCK
+ 573
ns
1.8 V
≤ EVDD0 < 3.3 V, 1.6 V ≤ Vb ≤ 2.0 V Note 2,
Cb = 30 pF, Rv = 5.5 k
Ω
2/fMCK
+ 573
2/fMCK
+ 573
2/fMCK
+ 573
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com