Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F1007F Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # R5F1007F
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1007F Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button R5F1007F Datasheet HTML 120Page - Renesas Technology Corp R5F1007F Datasheet HTML 121Page - Renesas Technology Corp R5F1007F Datasheet HTML 122Page - Renesas Technology Corp R5F1007F Datasheet HTML 123Page - Renesas Technology Corp R5F1007F Datasheet HTML 124Page - Renesas Technology Corp R5F1007F Datasheet HTML 125Page - Renesas Technology Corp R5F1007F Datasheet HTML 126Page - Renesas Technology Corp R5F1007F Datasheet HTML 127Page - Renesas Technology Corp R5F1007F Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 124 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to
+105
C)
This chapter describes the following electrical specifications.
Target products G:
Industrial applications TA =
40 to +105°C
R5F100xxGxx
Cautions 1.
The RL78 microcontrollers have an on-chip debug function, which is provided for
development and evaluation. Do not use the on-chip debug function in products
designated for mass production, because the guaranteed number of rewritable times of the
flash memory may be exceeded when this function is used, and product reliability therefore
cannot be guaranteed. Renesas Electronics is not liable for problems occurring when the
on-chip debug function is used.
2.
With products not provided with an EVDD0, EVDD1, EVSS0, or EVSS1 pin, replace EVDD0 and
EVDD1 with VDD, or replace EVSS0 and EVSS1 with VSS.
3.
The pins mounted depend on the product. Refer to 2.1 Port Function to 2.2.1 Functions for
each product.
4.
Please contact Renesas Electronics sales office for derating of operation under TA = +85
C
to +105
C. Derating is the systematic reduction of load for the sake of improved reliability.
Remark
When RL78/G13 is used in the range of TA =
40 to +85°C, see CHAPTER 2 ELECTRICAL
SPECIFICATIONS (TA =
40 to +85°C).
There are following differences between the products "G: Industrial applications (TA =
40 to +105C)" and the
products “A: Consumer applications, and D: Industrial applications”.
Application
Parameter
A: Consumer applications,
D: Industrial applications
G: Industrial applications
Operating ambient temperature
TA = -40 to +85
C
TA = -40 to +105
C
Operating mode
Operating voltage range
HS (high-speed main) mode:
2.7 V
 VDD  5.5 V@1 MHz to 32 MHz
2.4 V
 VDD  5.5 V@1 MHz to 16 MHz
LS (low-speed main) mode:
1.8 V
 VDD  5.5 V@1 MHz to 8 MHz
LV (low-voltage main) mode:
1.6 V
 VDD  5.5 V@1 MHz to 4 MHz
HS (high-speed main) mode only:
2.7 V
 VDD  5.5 V@1 MHz to 32 MHz
2.4 V
 VDD  5.5 V@1 MHz to 16 MHz
High-speed on-chip oscillator clock
accuracy
1.8 V
 VDD  5.5 V
1.0%@ TA = -20 to +85C
1.5%@ TA = -40 to -20C
1.6 V
 VDD < 1.8 V
5.0%@ TA = -20 to +85C
5.5%@ TA = -40 to -20C
2.4 V
 VDD  5.5 V
2.0%@ TA = +85 to +105C
1.0%@ TA = -20 to +85C
1.5%@ TA = -40 to -20C
Serial array unit
UART
CSI: fCLK/2 (supporting 16 Mbps), fCLK/4
Simplified I
2C communication
UART
CSI: fCLK/4
Simplified I
2C communication
IICA
Normal mode
Fast mode
Fast mode plus
Normal mode
Fast mode
Voltage detector
Rise detection voltage: 1.67 V to 4.06 V
(14 levels)
Fall detection voltage: 1.63 V to 3.98 V
(14 levels)
Rise detection voltage: 2.61 V to 4.06 V
(8 levels)
Fall detection voltage: 2.55 V to 3.98 V
(8 levels)
(Remark is listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com