Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F1007F Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # R5F1007F
Description  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1007F Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button R5F1007F Datasheet HTML 139Page - Renesas Technology Corp R5F1007F Datasheet HTML 140Page - Renesas Technology Corp R5F1007F Datasheet HTML 141Page - Renesas Technology Corp R5F1007F Datasheet HTML 142Page - Renesas Technology Corp R5F1007F Datasheet HTML 143Page - Renesas Technology Corp R5F1007F Datasheet HTML 144Page - Renesas Technology Corp R5F1007F Datasheet HTML 145Page - Renesas Technology Corp R5F1007F Datasheet HTML 146Page - Renesas Technology Corp R5F1007F Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 202 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
C)
Page 143 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
3.4 AC Characteristics
(TA =
40 to +105C, 2.4 V  EVDD0 = EVDD1  VDD  5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Items
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
2.7 V
 VDD  5.5 V 0.03125
1
s
Main
system
clock (fMAIN)
operation
HS (high-speed
main) mode
2.4 V
 VDD < 2.7 V 0.0625
1
s
Subsystem clock (fSUB)
operation
2.4 V
 VDD  5.5 V
28.5
30.5
31.3
s
2.7 V
 VDD  5.5 V 0.03125
1
s
Instruction cycle (minimum
instruction execution time)
TCY
In the self
programming
mode
HS (high-speed
main) mode
2.4 V
 VDD < 2.7 V 0.0625
1
s
2.7 V
 VDD  5.5 V
1.0
20.0
MHz
fEX
2.4 V
 VDD < 2.7 V
1.0
16.0
MHz
External system clock frequency
fEXS
32
35
kHz
2.7 V
 VDD  5.5 V
24
ns
tEXH, tEXL
2.4 V
 VDD < 2.7 V
30
ns
External system clock input high-
level width, low-level width
tEXHS,
tEXLS
13.7
s
TI00 to TI07, TI10 to TI17 input
high-level width, low-level width
tTIH,
tTIL
1/fMCK+10
ns
Note
4.0 V
 EVDD0  5.5 V
16
MHz
2.7 V
 EVDD0 < 4.0 V
8
MHz
TO00 to TO07, TO10 to TO17
output frequency
fTO
HS (high-speed
main) mode
2.4 V
 EVDD0 < 2.7 V
4
MHz
4.0 V
 EVDD0  5.5 V
16
MHz
2.7 V
 EVDD0 < 4.0 V
8
MHz
PCLBUZ0, PCLBUZ1 output
frequency
fPCL
HS (high-speed
main) mode
2.4 V
 EVDD0 < 2.7 V
4
MHz
INTP0
2.4 V
 VDD  5.5 V
1
s
Interrupt input high-level width,
low-level width
tINTH,
tINTL
INTP1 to INTP11
2.4 V
 EVDD0  5.5 V
1
s
Key interrupt input low-level width
tKR
KR0 to KR7
2.4 V
 EVDD0  5.5 V
250
ns
RESET low-level width
tRSL
10
s
Note
The following conditions are required for low voltage interface when EVDD0 < VDD
2.4V
 EVDD0 < 2.7 V : MIN. 125 ns
Remark fMCK: Timer array unit operation clock frequency
(Operation clock to be set by the CKSmn0, CKSmn1 bits of timer mode register mn (TMRmn).
m: Unit number (m = 0, 1), n: Channel number (n = 0 to 7))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com