Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F104LEG Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # R5F104LEG
Description  True Low Power Platform
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F104LEG Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button R5F104LEG Datasheet HTML 122Page - Renesas Technology Corp R5F104LEG Datasheet HTML 123Page - Renesas Technology Corp R5F104LEG Datasheet HTML 124Page - Renesas Technology Corp R5F104LEG Datasheet HTML 125Page - Renesas Technology Corp R5F104LEG Datasheet HTML 126Page - Renesas Technology Corp R5F104LEG Datasheet HTML 127Page - Renesas Technology Corp R5F104LEG Datasheet HTML 128Page - Renesas Technology Corp R5F104LEG Datasheet HTML 129Page - Renesas Technology Corp R5F104LEG Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 213 page
background image
RL78/G14
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = -40 to +105
°C)
R01DS0053EJ0330 Rev. 3.30
Page 126 of 208
Aug 12, 2016
Operation of products rated “G: Industrial applications (TA = -40 to + 105
°C)” at ambient operating temperatures above
85
°C differs from that of products rated “A: Consumer applications” and “D: Industrial applications” in the ways listed
below.
Remark
The electrical characteristics of products rated “G: Industrial applications (TA = -40 to + 105°C)” at ambient operating
temperatures above 85°C differ from those of products rated “A: Consumer applications” and “D: Industrial applications”.
For details, refer to 3.1 to 3.10.
Parameter
A: Consumer applications, D: Industrial applications
G: Industrial applications
Operating ambient temperature TA = -40 to +85
°CTA = -40 to +105°C
Operating mode
Operating voltage range
HS (high-speed main) mode:
2.7 V
≤ VDD ≤ 5.5 V@1 MHz to 32 MHz
2.4 V
≤ VDD ≤ 5.5 V@1 MHz to 16 MHz
LS (low-speed main) mode:
1.8 V
≤ VDD ≤ 5.5 V@1 MHz to 8 MHz
LV (low-voltage main) mode:
1.6 V
≤ VDD ≤ 5.5 V@1 MHz to 4 MHz
HS (high-speed main) mode only:
2.7 V
≤ VDD ≤ 5.5 V@1 MHz to 32 MHz
2.4 V
≤ VDD ≤ 5.5 V@1 MHz to 16 MHz
High-speed on-chip oscillator
clock accuracy
1.8 V
≤ VDD ≤ 5.5 V:
±1.0% @ TA = -20 to +85
°C
±1.5% @ TA = -40 to -20
°C
1.6 V
≤ VDD < 1.8 V:
±5.0% @ TA = -20 to +85
°C
±5.5% @ TA = -40 to -20
°C
2.4 V
≤ VDD ≤ 5.5 V:
±2.0% @ TA = +85 to +105
°C
±1.0% @ TA = -20 to +85
°C
±1.5% @ TA = -40 to -20
°C
Serial array unit
UART
CSI: fCLK/2 (16 Mbps supported), fCLK/4
Simplified I2C communication
UART
CSI: fCLK/4
Simplified I2C communication
IICA
Standard mode
Fast mode
Fast mode plus
Standard mode
Fast mode
Voltage detector
• Rising: 1.67 V to 4.06 V (14 stages)
• Falling: 1.63 V to 3.98 V (14 stages)
• Rising: 2.61 V to 4.06 V (8 stages)
• Falling: 2.55 V to 3.98 V (8 stages)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com