Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L-02402G-B6.4 Datasheet(PDF) 1 Page - LIGITEK electronics co., ltd.

Part # L-02402G-B6.4
Description  BACK LIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L-02402G-B6.4 Datasheet(HTML) 1 Page - LIGITEK electronics co., ltd.

  L-02402G-B6.4 Datasheet HTML 1Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BACK LIGHT
SERIES
L-02402G-B6.4
A
K
A=ANODE
K=CATHODE
2X12=24(LED NUMBERS)
L1
L2
L3
EH
%=
L(MAX)-L(MIN)
L(MAX)
100%
Electrical/Optical Characteristics(Ta=25)
CHARACTERISTICS
SYMBOL
RATING
UNIT
Peak Forward Current
Power Dissipation
Reverse Voltage
Operating Temperature
Storage Temperature
IDD
PO
VR
Topr
Tstg
240
1
8
-20 TO +75
-30 TO +85
mA
W
V
Package Dimension:
Absolute Maximum Ratings(Ta=25)
Emitting Color:Green
PARAMETER
Luminous Intensity
Forward Voltage
Peak wave length
Spectral half-width
Reverse current
Luminous Tolerance
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITION
IV
VF
λP
Δλ
IR
ΔEH
80
-
-
-
-
-
130
4.2
565
30
-
-
-
4.8
-
-
0.25
30
cd/
V
nm
nm
mA
%
IF=120mA
IF=120mA
IF=120mA
IF=120mA
VR=8V
IF=120mA
Note:1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted
2.Specifications are subject to change without notice
DOC. NO : QW0905-L-02402G-B6.4
DATE : 19 - Dec. - 2005
.....
K
A
11.9
7.0
19.45
6.0
67.16
64.36
Ø 0.51
6.4
±0.5
0.17MAX
2.4
22.25
5.5
3.3
REV.:A
Foam twin adhesive


Similar Part No. - L-02402G-B6.4

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-02401G-B LIGITEK-L-02401G-B Datasheet
272Kb / 1P
   BACKLIGHT
L-02401G-B5 LIGITEK-L-02401G-B5 Datasheet
226Kb / 1P
   BACK LIGHT
More results

Similar Description - L-02402G-B6.4

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L-02401G-B5 LIGITEK-L-02401G-B5 Datasheet
226Kb / 1P
   BACK LIGHT
logo
Sanyo Semicon Device
PCP1208 SANYO-PCP1208 Datasheet
390Kb / 4P
   LED Back Light
logo
Renesas Technology Corp
M62295GP RENESAS-M62295GP Datasheet
169Kb / 11P
   LCD Back-light Control IC
logo
LIGITEK electronics co....
L-00501DBK-S LIGITEK-L-00501DBK-S Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
logo
Mitsubishi Electric Sem...
M62295GP MITSUBISHI-M62295GP Datasheet
57Kb / 7P
   LCD BACK-LIGHT CONTROL IC
logo
LIGITEK electronics co....
L-00501VY-S LIGITEK-L-00501VY-S Datasheet
103Kb / 5P
   LED BACK LIGHT (4 Inch)
logo
List of Unclassifed Man...
S-00808G ETC1-S-00808G Datasheet
101Kb / 1P
   LCD BACK LIGHT, TAB TYPE
S-00201G ETC1-S-00201G Datasheet
105Kb / 1P
   LCD BACK LIGHT, COG TYPE
logo
LIGITEK electronics co....
L-00501HRF-S LIGITEK-L-00501HRF-S Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
L-00501DBK-S-LF LIGITEK-L-00501DBK-S-LF Datasheet
104Kb / 5P
   LED BACK LIGHT (4 Inch)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com