Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9-1377174-1 Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # 9-1377174-1
Description  Pre-Insulated Diamond Grip
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1377174-1 Datasheet(HTML) 1 Page - TE Connectivity Ltd

  9-1377174-1 Datasheet HTML 1Page - TE Connectivity Ltd 9-1377174-1 Datasheet HTML 2Page - TE Connectivity Ltd 9-1377174-1 Datasheet HTML 3Page - TE Connectivity Ltd 9-1377174-1 Datasheet HTML 4Page - TE Connectivity Ltd 9-1377174-1 Datasheet HTML 5Page - TE Connectivity Ltd 9-1377174-1 Datasheet HTML 6Page - TE Connectivity Ltd 9-1377174-1 Datasheet HTML 7Page - TE Connectivity Ltd 9-1377174-1 Datasheet HTML 8Page - TE Connectivity Ltd 9-1377174-1 Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Introduction
PIDG
Pre-Insulated Diamond Grip
Section Catalog 1654376-1
Issued 4-2010.
Main Catalog 1654400-1
Chapter 37 – Issued 4-2010.
All specifications subject to change. Consult TE Connectivity for latest specifications.
37-1
Product Facts
I
Basic terminal is made of high
conductivity copper, electro
tin plated, for improved cor-
rosion resistance.
I
Applicable wire size is
marked on the tongue.
I
Inner serrations on the
wire barrel gives maximum
electrical contact and tensile
strength with the conductor.
I
Copper sleeve provides
circum-ferential insulation
support to the wire and
allows the wire to be bent
in any direction without
damaging the wire insulation
or conductors.
I
Insulation sleeves and
corresponding tooling are
color-coded by wire size for
easier identification.
I
AMP PIDG Terminals and
Splices meet the require-
ments of MIL-T-7928.
I
A variety of PIDG terminals
and splices are UL listed
File E 13288 and certified
by CSA File LR 7189.
Color Coding.
Color-coded by wire size.
Serrations.
Serrations inside barrel for maximum
contact and tensile strength.
Funnel Entry.
Conical entry for easy wire insertion.
Copper Sleeve.
Copper sleeve to
support wire insulation.
PIDG pre-insulated Diamond
Grip Terminals and Splices are
designed for complete and
uniform reliability. The pre-
insulated termination ensures
a vibration safe connection of
maximum conductivity, and its
tensile strength approaches
that of the wire itself.
Each PIDG terminal consists
of a tin plated copper body,
with a specially designed
copper sleeve and insulation
sleeve fitted over the terminal
barrel.
The carefully engineered
application tooling has been
designed for the PIDG pro-
gram to ensure high quality
terminations time after time.
Terminal and insulation sleeve
are crimped simultaneously
resulting in an excellent tensile
strength and vibration resist-
ance.
During crimping dot code is
applied to the insulation sleeve,
to confirm the use of the
correct tooling.
Nylon Insulation.
Nylon sleeve for high dielectric strength.
In order to obtain the best
termination results it is impor-
tant to select the correct tool.
Each terminal is matched to a
compatible tool. CERTI-CRIMP
hand tools are provided with
a patented ratched device to
ensure the crimp cycle is
completed before releasing.
There is a CERTI-CRIMP tool
available for each terminal
range.
Insulation Sleeve.
Expanded sleeve, accepts
wide range of wire insulation.


Similar Part No. - 9-1377174-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
9-1372295-9 TEC-9-1372295-9 Datasheet
818Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-1372348-0 TEC-9-1372348-0 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
9-1372348-1 TEC-9-1372348-1 Datasheet
738Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 9-1377174-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
   SOLISTRAND, Budget and DIAMOND GRIP
logo
Rosenberger Hochfrequen...
SLHG001-C01 ROSENBERGER-SLHG001-C01 Datasheet
99Kb / 1P
   Pre-laced hoisting grip
logo
TE Connectivity Ltd
408-2567 TEC-408-2567 Datasheet
236Kb / 1P
   Tool and Die Selection Chart for Insulated PIDG*, PLASTI-GRIP*, DIAMOND GRIP* and Budget Terminals and Splices (30 to 10 AWG)
logo
Tyco Electronics
31161 MACOM-31161 Datasheet
40Kb / 1P
   TERMINAL, RING, DIAMOND GRIP, WIRE SIZE, 22-16 AWG
logo
List of Unclassifed Man...
18RA-6 ETC2-18RA-6 Datasheet
60Kb / 1P
   Vinyl Insulated Ring . Insulation Grip
logo
Tyco Electronics
34101 MACOM-34101 Datasheet
40Kb / 1P
   WIRE TERMINAL DIAMOND GRIP SLOTTED RING TONGUE WIRE SIZE:22-16
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
   High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
   High Precision - Diamond Tip Tweezers
15AGWM.C.D.0 IDEAL-TEK-15AGWM.C.D.0 Datasheet
262Kb / 1P
   Diamond coated Tweezers
15ARWM.C.D.0 IDEAL-TEK-15ARWM.C.D.0 Datasheet
260Kb / 1P
   Diamond coated Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com