Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A-0709P12AWF Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A-0709P12AWF
Description  CIRCUIT INTERRUPTION TECHNOLOGY INC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A-0709P12AWF Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A-0709P12AWF Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CITFUSE Website: www.citfuse.com
Tel: 763-535-2339 Fax: 763-535-2194
CIRCUIT INTERRUPTION TECHNOLOGY INC.
A-0709
SPECIFICATIONS
E198027
ORDERING INFORMATION
DIMENSIONS
PANEL CUT OUT
Electrical Ratings
3.0 - 16A @ 125/250VAC
4.0 – 16A @ 125 (UL/CUL)
Dielectric Strength
1500Vrms min
Insulation Resistance
> 100M
Ω min
Interrupt Capacity
125VAC, 1000A; 250VAC, 1000A
Contact Endurance
125VAC X 150% of rated current - 500 cycles
Calibration
25
°C – 105% of rated current - continuously carried
25
°C – 106% to 134% - may trip or not
25
°C – 135% of rated current - trip within 1 hour
150% of 4A – trip within 1 hour
25
°C – 200% of rated current - trip within 1 minute
Reset
Manual reset
Internal Resistance
3A – 5A
0.120
5.1A – 6A
0.100
6.1A – 7A
0.075
7.1A – 8A
0.035
8.1A – 9A
0.020
9.1A – 12A
0.015
12.1A – 14A
0.010
14.1A – 16A
0.008
Derating Factor
TEMP
3.0A-4.0A
4A-16A
60
°C
---
X 0.50
55
°C
---
X 0.60
50
°C
---
X 0.70
45
°C
X 0.45
X 0.75
40
°C
X 0.55
X 0.80
35
°C
X 0.70
X 0.86
30
°C
X 0.80
X 0.92
25
°C
X 1.00
X 1.00
20
°C
X 1.10
X 1.06
15
°C
X 1.20
X 1.09
10
°C
X 1.35
X 1.20
1. Series
A-0709
A-0709
2. Style
P = 7/16” –28T bushing, Manual Reset
P
3. Current Rating:
3A – 16A
3A
4. Reset Button Color:
B = Black (White Printing)
W = White (Black Printing)
B
5. Hardware:
C = 1 Hex Nut, 1 Name Plate
D = 1 Knurled Nut, 1 Name Plate
E = 1 Hex Nut, 1 Knurled Nut, 1 Name Plate
F = 2 Knurled Nuts, 1 Name Plate
G = 2 Hex Nuts, 1 Name Plate
C


Similar Part No. - A-0709P12AWF

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
A-001 AEC-A-001 Datasheet
174Kb / 1P
   Tilt Switch - Mercury
A-003 AEC-A-003 Datasheet
181Kb / 1P
   Tilt Switch - Mercury
logo
M-System Co.,Ltd.
A-01 MSYSTEM-A-01 Datasheet
87Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
A-02 MSYSTEM-A-02 Datasheet
87Kb / 2P
   Field-mounted Two-wire Signal Conditioners 6-UNIT
logo
List of Unclassifed Man...
A-06-LC-7-T ETC1-A-06-LC-7-T Datasheet
31Kb / 1P
   IC-Fassungen, Low cost-Version, Rester 2.54mm
More results

Similar Description - A-0709P12AWF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OSTTE030104 ETC2-OSTTE030104 Datasheet
113Kb / 1P
   ON-SHORE TECHNOLOGY, INC
USB-A1HSW6 ETC-USB-A1HSW6 Datasheet
79Kb / 1P
   ON-SHORE TECHNOLOGY,INC
logo
Renesas Technology Corp
ICS1526 RENESAS-ICS1526 Datasheet
214Kb / 11P
   Integrated Device Technology, Inc.
Revision 051310
logo
Microchip Technology
RE46C141S16F MICROCHIP-RE46C141S16F Datasheet
249Kb / 12P
   A Subsidiary of Microchip Technology Inc.
2009
logo
List of Unclassifed Man...
MDE-7D180M ETC-MDE-7D180M Datasheet
85Kb / 1P
   MDE Semiconductor, Inc. Circuit Protection Products
logo
Microchip Technology
HCS300 MICROCHIP-HCS300_11 Datasheet
714Kb / 36P
   Microchip Technology Inc. is a code hopping encoder designed
2011
logo
PHOENIX CONTACT
3069921 PHOENIX-3069921 Datasheet
63Kb / 4P
   Interruption plug - FIP-3/1 SERVICE
09/12/2020
3069312 PHOENIX-3069312 Datasheet
62Kb / 4P
   Interruption plug - FIP-3/3 SERVICE
09/12/2020
logo
Microchip Technology
HCS301 MICROCHIP-HCS301_11 Datasheet
747Kb / 38P
   Microchip Technology Inc. is a code hopping encoder designed for secure
2011
logo
PHOENIX CONTACT
3069313 PHOENIX-3069313 Datasheet
62Kb / 4P
   Interruption plug - FIP-3/4 SERVICE
09/12/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.IN
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com