Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2010GS Datasheet(PDF) 426 Page - Motorola, Inc

Part # MPXM2010GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2010GS Datasheet(HTML) 426 Page - Motorola, Inc

Back Button MPXM2010GS Datasheet HTML 422Page - Motorola, Inc MPXM2010GS Datasheet HTML 423Page - Motorola, Inc MPXM2010GS Datasheet HTML 424Page - Motorola, Inc MPXM2010GS Datasheet HTML 425Page - Motorola, Inc MPXM2010GS Datasheet HTML 426Page - Motorola, Inc MPXM2010GS Datasheet HTML 427Page - Motorola, Inc MPXM2010GS Datasheet HTML 428Page - Motorola, Inc MPXM2010GS Datasheet HTML 429Page - Motorola, Inc MPXM2010GS Datasheet HTML 430Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 670 page
background image
AN1322
3–280
Motorola Sensor Device Data
www.motorola.com/semiconductors
2
3
4
1
9
8
7
6
5
4
3
2
1
10
11
12
13
14
15
16
17
18
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
B+
GND
I
G
O
MC78L08ACP
U1
C2
0.1
µF
1
U2A
MC33272
5
6
4
+
+
–
XDCR1
MPX2000
SERIES
SENSOR
R9
2.7 k
R8
1 k
R7
1.2 k
U3
LM3914N
D1-D10
MV57164
BAR
GRAPH
3
2
LED
GND
B+
RLO
SIG
RHI
REF
ADJ
MOD
LED
LED
LED
LED
LED
LED
LED
LED
LED
C2
1
µF
U2B
MC3327
2
7
–
FOR MPX2010 SENSORS:
R1 = 150 k
R4 = 61.9 OHMS
8
R1
93.1 k 1%
C3 0.001
µF
3
2
R6
12.4 k
1%
R5
100
1%
R3
1.5 k
1%
R2
750
1%
R4
100 1%
REFERENCE
VOLTAGE
SOURCE
1.25 V
MODE
SELECT
AMPLIFIER
–
+
BUFFER
REF
OUT
THIS LOAD
DETERMINES
LED
BRIGHTNESS
CONTROLS
TYPE OF
DISPLAY, BAR
OR SINGLE
LED
COMPARATOR
1 of 10
LM391
4
10
11
12
13
14
15
16
17
18
1
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
LED
V+
RHI 6
7
8
3
4
5
RLO
REF
ADJ
V+
SIG
IN
V–
9
2
FROM
PIN 11
V+
20 k
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+–
+
–
+
–
+
–
Figure 1. Compensated Sensor Bar Graph
Pressure Gauge
Figure 2. LM3914 Block Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com