Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2053GS Datasheet(PDF) 350 Page - Motorola, Inc

Part # MPXM2053GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Datasheet(HTML) 350 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 346Page - Motorola, Inc MPXM2053GS Datasheet HTML 347Page - Motorola, Inc MPXM2053GS Datasheet HTML 348Page - Motorola, Inc MPXM2053GS Datasheet HTML 349Page - Motorola, Inc MPXM2053GS Datasheet HTML 350Page - Motorola, Inc MPXM2053GS Datasheet HTML 351Page - Motorola, Inc MPXM2053GS Datasheet HTML 352Page - Motorola, Inc MPXM2053GS Datasheet HTML 353Page - Motorola, Inc MPXM2053GS Datasheet HTML 354Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 670 page
background image
AN1097
3–204
Motorola Sensor Device Data
www.motorola.com/semiconductors
PRESSURE SENSOR CHARACTERISTICS
Figure 2 shows the differential output voltage of the
MPX2100 series at +25
°C. The dispersion of the output
voltage determines the best tolerance that the system may
achieve without undertaking a calibration procedure, if any
other elements or parameters in the chain do not introduce
additional errors.
Vout (mV)
VS = 5 Vdc
TA = 25°C
P
(kPa)
FULL–SCALE
20
10
5
0
–5
0
20
40
60
80
100
OFFSET
Figure 2. Spread of the Output Voltage versus the
Applied Pressure at 25
°C
The effects of temperature on the full scale output and offset
are shown in Figure 3. It is interesting to notice that the offset
variation is greater than the full scale output and both have a
positive
temperature
coefficient
respectively
of
+8.0
µV/degree and +5.0 µV excitation voltage. That means that
the full scale variation may be compensated by modifying the
gain somewhere in the chain amplifier by components
arranged to produce a negative TC of 250 PPM/°C. The dark
area of Figure 3 shows the trend of the compensation which
improves the full scale value over the temperature range. In
the area of 40 kPa, the compensation acts in the ratio of
40/100 of the value of the offset temperature coefficient.
Figure 3. Output Voltage versus Temperature. The
Dark Area Shows the Trend of the Compensation
Vout (f) ∆T
POSITIVE
FULL SCALE
VARIATION
P
(kPa)
0
20
40
60
80
100
OFFSET VARIATION
–15
°C
+85
°C
OP AMP CHARACTERISTICS
For systems with only one power supply, the instrument
amplifier configuration shown in Figure 4 is a good solution to
monitor the output of a resistive transducer bridge.
The instrument amplifier does provide an excellent CMRR
and a symmetrical buffered high input impedance at both
non–inverting and inverting terminals. It minimizes the
number of the external passive components used to set the
gain of the amplifier. Also, it is easy to compensate the
temperature variation of the Full Scale Output of the Pressure
Sensor by implementing resistors “Rf” having a negative
coefficient temperature of –250 PPM/
°C.
The differential–mode voltage gain of the instrument
amplifier is:
Avd =
V1–V2
Vs2–Vs4
= 1 +
2 Rf
Rg
(1)
+Vs
V1
V2
0 V
–
+
Rf
Rg
2
4
Figure 4. One Power Supply to Excite the Bridge
and to Develop a Differential Output Voltage
3
1
–
+
The major source of errors introduced by the op amp is
offset voltages which may be positive or negative, and the
input bias current which develops a drop voltage
∆V through
the feedback resistance Rf. When the op amp input is
composed of PNP transistors, the whole characteristic of the
transfer function is shifted below the DC component voltage
value set by the Pressure Sensor as shown in Figure 5.
The gain of the instrument amplifier is calculated carefully
to avoid a saturation of the output voltage, and to provide the
maximum of differential output voltage available for the A/D
Converter. The maximum output swing voltage of the
amplifiers is also dependent on the bias current which creates
a
∆V voltage on the feedback resistance Rf and on the Full
Scale output voltage of the pressure sensor.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com