Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2053GS Datasheet(PDF) 485 Page - Motorola, Inc

Part # MPXM2053GS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2053GS Datasheet(HTML) 485 Page - Motorola, Inc

Back Button MPXM2053GS Datasheet HTML 481Page - Motorola, Inc MPXM2053GS Datasheet HTML 482Page - Motorola, Inc MPXM2053GS Datasheet HTML 483Page - Motorola, Inc MPXM2053GS Datasheet HTML 484Page - Motorola, Inc MPXM2053GS Datasheet HTML 485Page - Motorola, Inc MPXM2053GS Datasheet HTML 486Page - Motorola, Inc MPXM2053GS Datasheet HTML 487Page - Motorola, Inc MPXM2053GS Datasheet HTML 488Page - Motorola, Inc MPXM2053GS Datasheet HTML 489Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 670 page
background image
AN1551
3–339
Motorola Sensor Device Data
www.motorola.com/semiconductors
SYSTEM DESIGN
As mentioned in the introduction, the lowest pressure
devices in the Motorola portfolio are rated at a full–scale
pressure of 10 kPa (40
″ of H2O). The calibrated and
temperature compensated, 10 kPa device (MPX2010) is
specified to operate at a 10 Vdc supply voltage and produce
25 mV (nominal) at the full–scale pressure of 10 kPa. This
translates to a 0.25 mV/(V*kPa) pressure sensitivity.
Additionally, the absolute maximum supply voltage specified
is 16 Vdc. Thus, the maximum full–scale output signal that can
be achieved without exceeding the maximum supply voltage
rating is 40 mV, or 60% greater than the output at the 10 Vdc
specification. So, a 60% increase can be achieved in the
output signal of the sensor for the 0–10 kPa pressure range,
or the same signal level of 25 mV can be preserved over a
proportionally lower applied pressure range (i.e., 0–6.25 kPa).
The point here is that increasing the dc supply excitation only
produces limited improvement in the output signal level.
Much greater gains in output signal level (sensor span) can
be obtained, if it is possible to operate the sensor at
significantly higher voltages. Since the thermal/power
dissipation limitation imposed by the maximum dc supply
voltage can be avoided by using a pulsed excitation at a low
duty–cycle (on–time) and reasonable period, and second
order junction effects do not occur until much higher voltages,
the sensor output can be greatly increased by operating at a
much higher ac voltage than permitted by the dc counterpart
of this same higher voltage. As an example, industrial
applications like HVAC have 24 V commonly available, and we
want to accurately measure pressures below 10
″ H2O. To
achieve a 1–2% of full–scale accuracy (based on temperature
drift errors, system noise, device tolerance, power supply
variation/rejection, etc.), 9–12 mV is the typical minimum
full–scale span that is the desired target for the pressure range
of interest. For the MPX2010 pulsed at 24 V, we obtain 15 mV
of output for an applied pressure of 10
″ H2O (2.5 kPa). This
same sensor device will only produce 6.25 mV at its normally
specified supply of 10 V and 2.5 kPa, thus not meeting the
signal–to–noise
ratio
criteria
for
a
1–2%
accuracy
performance.
This smart sensing solution is intended to sense full–scale
pressures below 10
″ H2O with 1% of full–scale pressure
resolution and better than 2% of full–scale accuracy. The
following subsystems comprise the hardware portion of this
solution (see Figure 1):
Figure 1. Smart Sensing Block Diagram
PRESSURE SENSOR
SIGNAL
CONDITIONING
SWITCHING
CIRCUITRY
LOW VOLTAGE
INHIBIT
8–BIT
MICROCONTROLLER
5 V
± 5%
REGULATOR
POWER SUPPLY
REJECTION CIRCUITRY
VPP
Dout
Din
SCLK
CS
VCC
Gnd
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com