Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPXM2102AS Datasheet(PDF) 354 Page - Motorola, Inc

Part # MPXM2102AS
Description  Sensor
PDF  670 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXM2102AS Datasheet(HTML) 354 Page - Motorola, Inc

Back Button MPXM2102AS Datasheet HTML 350Page - Motorola, Inc MPXM2102AS Datasheet HTML 351Page - Motorola, Inc MPXM2102AS Datasheet HTML 352Page - Motorola, Inc MPXM2102AS Datasheet HTML 353Page - Motorola, Inc MPXM2102AS Datasheet HTML 354Page - Motorola, Inc MPXM2102AS Datasheet HTML 355Page - Motorola, Inc MPXM2102AS Datasheet HTML 356Page - Motorola, Inc MPXM2102AS Datasheet HTML 357Page - Motorola, Inc MPXM2102AS Datasheet HTML 358Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 670 page
background image
3–208
Motorola Sensor Device Data
www.motorola.com/semiconductors
AN1100
Analog to Digital Converter Resolution
Extension Using a Motorola Pressure Sensor
PURPOSE
This paper describes a simple method to gain more than
8–bits of resolution with an 8–bit A/D. The electronic design is
relatively simple and uses standard components.
PRINCIPLE
Consider a requirement to measure pressure up to
200 kPa. Using a pressure sensor and an amplifier, this
pressure can be converted to an analog voltage output. This
analog voltage can then be converted to a digital value and
used by the microprocessor as shown in Figure 1.
If we assume for this circuit that 200 kPa results in a +4.5 V
output, the sensitivity of our system is:/
S
+ 4.5 V 200kPa
(1)
+ 0.0225 V kPa
or
S
+ 22.5 mV kPa
If an 8–bit A/D is used with 0 and 5 Volt low and high
references, respectively, then the resolution would be:
S
+ 5V
28–1
+ 5V 255
(2)
+ 0.01961 V
or
Rv + 19.60 mV per bit
This corresponds to a pressure resolution of:
R
P + 5V
19.60 mV bit)
22.5 mV kPa
(3)
+ 0.871 kPa per bit
Assume a resolution of at least 0.1 kPa/bit is needed. This
would require an A/D with at least 12 bits ( 212 = 4096 steps).
One can artificially increase the A/D resolution as described
below.
Refer to Figure 1 and assume a pressure of 124 kPa is to
be measured. With this system, the input signal to the A/D
should read (assuming no offset voltage error):
Vm(measured) + 4.5 (Papp) x (S)(4)
+ (124 kPa) x 22.5 mV kPa
+ 2790 mV,
where Papp is the pressure applied to the sensor.
Due to the resolution of the A/D, the microprocessor
receives the following conversion:
M
+ (2790 mV) 19.60 mV bit
(5)
+ 142.35
+ 142 (truncated to integer)
The calculated voltage for this stored value is:
Vc (calculated) + (142 count) x 19.60mV
(6)
count)
+ 2783 mV
The microprocessor will output the stored value M to the
D/A. The corresponding voltage at the analog output of the
D/A, for an 8–bit D/A with same references, will be 2783 mV.
The calculated pressure corresponding to this voltage
would be:
Pc (calculated) + (2783 mV)
22.5 mV kPa
(7)
123.7 kPa
Thus, the error would be:
E
+ Papp–Pc
(8)
+ 124 kPa–123.7 kPa
+ 0.3 kPa
This is greater than the 0.1 kPa resolution requirement.
Figure 1. Block Diagram
+V
G
A/D
MPU
OUTPUT
CIRCUITRY
Vm
M
Pc
MOTOROLA
SEMICONDUCTOR APPLICATION NOTE
REV 1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com